Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 9 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD627 Datasheet HTML 5Page - Analog Devices AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD627
–9–
REV. A
20 V/DIV
VOUT
0.5V/DIV
Figure 26. Gain Nonlinearity, VS = ±2.5 V, G = 5
(4 ppm/DIV)
VOUT
0.5V/DIV
40 V/DIV
Figure 27. Gain Nonlinearity, VS = ±2.5 V, G = 100
(8 ppm/DIV)
VOUT
3V/DIV
40 V/DIV
Figure 28. Gain Nonlinearity, VS = ±15 V, G = 5
(1.5 ppm/DIV)
VOUT
3V/DIV
200 V/DIV
Figure 29. Gain Nonlinearity, VS = ±15 V, G = 100
(7 ppm/DIV)
VOUT
3V/DIV
200 V/DIV
Figure 30. Gain Nonlinearity, VS = ±15 V, G = +5 (7 ppm/DIV)
VOUT
3V/DIV
200 V/DIV
Figure 31. Gain Nonlinearity, VS = ±15 V, G = +100 (7 ppm/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com