Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 12 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices AD627 Datasheet HTML 14Page - Analog Devices AD627 Datasheet HTML 15Page - Analog Devices AD627 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD627
–12–
REV. A
2 V or 1 V to maximize the available gain and output swing.
Note that in most cases, there is no advantage to increasing the
single supply to greater than 5 V (the exception being an input
range of 0 V to 1 V).
VIN(–) – Volts
5
–6
4
3
2
1
0
–1
–2
–3
–4
–5
–5
–4
–3
–2
–1
0
1234
MAXIMUM VREF
MINIMUM VREF
Figure 35. Reference Input Voltage vs. Negative Input
Voltage, VS = ±5 V, G = 5
VIN(–) – Volts
5
–0.5
4
3
2
1
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
MAXIMUM VREF
MINIMUM VREF
Figure 36. Reference Input Voltage vs. Negative Input
Voltage, VS = +5 V, G = 5
Output Buffering
The AD627 is designed to drive loads of 20 k
Ω or greater but
can deliver up to 20 mA to heavier loads at lower output voltage
swings (see Figure 7). If more than 20 mA of output current is
required at the output, the AD627’s output should be buffered
with a precision op amp such as the OP113 as shown in Figure
37 (shown for the single supply case). This op amp can swing
from 0 V to 4 V on its output while driving a load as small as
600
Ω.
0.1 F
+VS
–VS
RG
VIN
REF
0.1 F
0.1 F
–VS
0.1 F
VOUT
AD627
OP113
Figure 37. Output Buffering
INPUT AND OUTPUT OFFSET ERRORS
The low errors of the AD627 are attributed to two sources,
input and output errors. The output error is divided by G when
referred to the input. In practice, the input errors dominate at
high gains and the output errors dominate at low gains. The
total offset error for a given gain is calculated as:
Total Error RTI = Input Error + (Output Error/Gain)
Total Error RTO = (Input Error
× G) + Output Error
RTI offset errors and noise voltages for different gains are shown
below in Table III.
Table III. RTI Error Sources
Max Total
Max Total
RTI Offset Error
RTI Offset Drift
Total RTI Noise
V
V
V/ C
V/ C
nV/
Hz
Gain AD627A
AD627B AD627A
AD627B AD627A & AD627B
5
450
250
5
3
95
10
350
200
4
2
66
20
300
175
3.5
1.5
56
50
270
160
3.2
1.2
53
100
270
155
3.1
1.1
52
500
252
151
3
1
52
1000 251
151
3
1
52
Make vs. Buy: A Typical Application Error Budget
The example in Figure 38 serves as a good comparison between
the errors associated with an integrated and a discrete in amp
implementation. A
± 100 mV signal from a resistive bridge
(common-mode voltage = +2.5 V) is to be amplified. This ex-
ample compares the resulting errors from a discrete two op
amp in amp and from the AD627. The discrete implementation
uses a four-resistor precision network (1% match, 50 ppm/
°C
tracking).
The errors associated with each implementation are detailed in
Table IV and show the integrated in amp to be more precise,
both at ambient and over temperature. It should be noted that
the discrete implementation is also more expensive. This is pri-
marily due to the relatively high cost of the low drift precision
resistor network.
Note, the input offset current of the discrete in amp implemen-
tation is the difference in the bias currents of the two op amps,
not the offset currents of the individual op amps. Also, while the
values of the resistor network are chosen so that the inverting
and noninverting inputs of each op amp see the same impedance
(about 350
Ω), the offset current of each op amp will add an
additional error which must be characterized.
Errors Due to AC CMRR
In Table IV, the error due to common-mode rejection is the
error that results from the common-mode voltage from the
bridge 2.5 V. The ac error due to nonideal common-mode
rejection cannot be calculated without knowing the size of the ac
common-mode voltage (usually interference from 50 Hz/60 Hz
mains frequencies).
A mismatch of 0.1% between the four gain setting resistors will
determine the low frequency CMRR of a two op amp in amp.
The plot in Figure 38 shows the practical results, at ambient
temperature, of resistor mismatch. The CMRR of the circuit in
Figure 39 (Gain = 11) was measured using four resistors which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com