Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 16 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices AD627 Datasheet HTML 14Page - Analog Devices AD627 Datasheet HTML 15Page - Analog Devices AD627 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD627
–16–
REV. A
A 4 mA-to-20 mA Single Supply Receiver
Figure 46 shows how a signal from a 4 mA-to-20 mA transducer
can be interfaced to the AD
µC812, a 12-bit ADC with an em-
bedded microcontroller. The signal from a 4 mA-to-20 mA
transducer is single ended. This initially suggests the need for
a simple shunt resistor, to convert the current to a voltage at the
high impedance analog input of the converter. However, any
line resistance in the return path (to the transducer) will add a
current dependent offset error. So the current must be sensed
differentially.
In this example, a 24.9
Ω shunt resistor generates a maximum
differential input voltage to the AD627 of between 100 mV (for
4 mA in) and 500 mV (for 20 mA in). With no gain resistor
present, the AD627 amplifies the 500 mV input voltage by a
factor of 5, to 2.5 V, the full-scale input voltage of the ADC.
The zero current of 4 mA corresponds to a code of 819 and the
LSB size is 4.9 mA.
A Thermocouple Amplifier
Because the common-mode input range of the AD627 extends
0.1 V below ground, it is possible to measure small differential
signals which have low, or no, common mode component. Fig-
ure 47 shows a thermocouple application where one side of the
J-type thermocouple is grounded.
AD627
0.1 F
24.9
G = 5
REF
4–20mA
4–20mA
TRANSDUCER
AGND
DGND
AIN 0–7
VREF
+5V
AVDD
+5V
DVDD
AD C812
MicroConverterTM
+5V
LINE
IMPEDANCE
0.1 F
0.1 F
MicroConverter is a trademark of Analog Devices, Inc.
Figure 46. A 4 mA-to-20 mA Receiver Circuit
Over a temperature range from –200
°C to +200°C, the J-type
thermocouple delivers a voltage ranging from –7.890 mV to
10.777 mV. A programmed gain on the AD627 of 100 (RG =
2.1 k
Ω) and a voltage on the AD627 REF pin of 2 V, results in
the AD627’s output voltage ranging from 1.110 V to 3.077 V
relative to ground. For a different input range or different volt-
age on the REF pin, it is important to check that the voltage on
internal node A1 (see Figure 34) is not driven below ground).
This can be checked using the equations in the section entitled
Input Range Limitations in Single Supply Applications.
RG
2.1k
AD627
0.1 F
VOUT
+5V
J-TYPE
THERMOCOUPLE
2V
REF
Figure 47. Amplifying Bipolar Signals with Low Common-
Mode Voltage
8-Lead Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead SOIC
(SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com