Electronic Components Datasheet Search
  English  ▼

X  

P7631 Datasheet(PDF) 2 Page - ETAL Group

Part # P7631
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7631 Datasheet(HTML) 2 Page - ETAL Group

  P7631 Datasheet HTML 1Page - ETAL Group P7631 Datasheet HTML 2Page - ETAL Group P7631 Datasheet HTML 3Page - ETAL Group P7631 Datasheet HTML 4Page - ETAL Group P7631 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT DATA SHEET
P7631
SPECIFICATIONS
NOTES:
a) Test Freq. : 10KHz/ 0.1V
b) Ambient Temp. : 25°C
c) Operating Temp. : -40°C to +130°C
d) Saturating current Isat will result to approximately 20% drop in inductance value
Temperature response needs to be verified in specific applications
Recommended PCB Pad Layout
NOTE: Dimensions in mm
MARKING
- Manufacturer
- Product Code (Height code + Inductance code)
- Manufacturing Date Code
Height
4.95 max
5.95 max
PART No.
P7631-1305-xxxx
P7631-1306-xxxx
ELECTRICAL
Tinned part of
output terminal
8.5
± 0.5
1.0
± 0.3
Max 11.0
1
2
3,00
5,00
5,28
P7631-1305-1R10
1.10 ±10%
20
1,89
P7631-1305-R500
0.50 ±10%
0,85
1,23
P7631-1306-R950
0.95 ±10%
25
Part No.
Inductance L0
( µH )
@ 0 A
Isat ( A ) Typ.
DCR
( m
Ω ) Max
@ 25°C
30
P7631-1306-1R40
1.40 ±10%
22
P7631-1305-2R15
2.15 ±10%
15
1,65
3,52
P7631-1306-2R40
2.40 ±10%
P7631-1306-3R90
3.90 ±10%
12
P7631-1305-3R00
3.00 ±10%
13
17
CONSTRUCTION
12.8
4.4
ETALDOC 1017/1
2 of 5
23/03/2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com