Electronic Components Datasheet Search
  English  ▼

X  

P7631 Datasheet(PDF) 5 Page - ETAL Group

Part # P7631
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7631 Datasheet(HTML) 5 Page - ETAL Group

  P7631 Datasheet HTML 1Page - ETAL Group P7631 Datasheet HTML 2Page - ETAL Group P7631 Datasheet HTML 3Page - ETAL Group P7631 Datasheet HTML 4Page - ETAL Group P7631 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRODUCT DATA SHEET
P7631
SPECIFICATIONS
NOTES:
a) The inductance vs. current and temperature characteristic curves presented are typical values
b) The inductance vs. current curves are generated by measuring inductors at 25ºC ambient temperature.
c) Temperature rise is measured at an ambient temperature of 25ºC. A current is applied for 8 minutes and temperature is measured
when the point of the components temperature is stable using an infrared thermometer directed at the bottom surface of the
component. No forced air cooling is applied.
d) Temperature response need to be verified in specific applications and can only be carried out by the customer
Inductance code
Size: (1305, 1306)
Type code
NOTES:
Units are packed in tape and reel
ETAL Group AB, Box 39 162 11 Vällingby, Sweden
Telephone: +46 8 759 35 00
Fax: +46 8 759 3540
Website: www.etalgroup.com
E-mail: sales.se@etalgroup.com
P7631-□□□□-□□□□
ORDERING CODE
CHARACTERISTIC CURVES
ETALDOC 1017/1
5 of 5
23/03/2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com