Electronic Components Datasheet Search
  English  ▼

X  

P7631 Datasheet(PDF) 1 Page - ETAL Group

Part # P7631
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7631 Datasheet(HTML) 1 Page - ETAL Group

  P7631 Datasheet HTML 1Page - ETAL Group P7631 Datasheet HTML 2Page - ETAL Group P7631 Datasheet HTML 3Page - ETAL Group P7631 Datasheet HTML 4Page - ETAL Group P7631 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATA SHEET
HIGH CURRENT MOLDED POWER INDUCTOR
P7631 Family
Features
Applications
•
Lead free (Pb-free)
Energy storage choke for
•
RoHS compliant
•
DC/DC Converters
•
Very low DC resistance
•
VRM modules
•
Very high current rating
•
POL Converters
•
Low profile
•
Flat top for pick & place
•
Shielded
The P7631 family comprises of very high
The P7631 family is compliant with RoHS Directive
current shielded power choke coil in low profile size.
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The products self-leaded construction consist of ferrite
core and helical coil from enamel-coated copper flat wire.
The range covers inductance values from 0.5µH to 3.9µH,
and provides compact solutions for high power
applications with saturation currents ranging between
12 A to 30 A.
DESCRIPTION
ETALDOC 1017/1
1 of 5
23/03/2012


Similar Part No. - P7631

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P7633 TEKTRONIX-P7633 Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
P7636 ETAL-P7636 Datasheet
605Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7637 ETAL-P7637 Datasheet
317Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
More results

Similar Description - P7631

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
High Current Molded Power Inductor
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
High Current Molded Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com