Electronic Components Datasheet Search
  English  ▼

X  

P7631 Datasheet(PDF) 3 Page - ETAL Group

Part # P7631
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7631 Datasheet(HTML) 3 Page - ETAL Group

  P7631 Datasheet HTML 1Page - ETAL Group P7631 Datasheet HTML 2Page - ETAL Group P7631 Datasheet HTML 3Page - ETAL Group P7631 Datasheet HTML 4Page - ETAL Group P7631 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT DATA SHEET
P7631
SPECIFICATIONS
P7631-1305-R500
P7631-1306-R950
P7631-1305-1R10
P7631-1306-1R40
CHARACTERISTIC CURVES
0,20
0,25
0,30
0,35
0,40
0,45
0,50
0,55
0,60
0
10
20
30
40
DC Bias Current (A)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
DC Bias Current (A)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
DC Bias Current (A)
0,60
0,65
0,70
0,75
0,80
0,85
0,90
0,95
1,00
1,05
1,10
0
5
10
15
20
25
DC Bias Current (A)
0,70
0,75
0,80
0,85
0,90
0,95
1,00
1,05
1,10
1,15
1,20
0
5
10
15
20
25
DC Bias Current (Amp)
0
5
10
15
20
25
30
0
5
10
15
20
25
DC Bias Current (A)
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
0
5
10
15
20
25
30
DC Bias Current (A)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
DC Bias Current (A)
ETALDOC 1017/1
3 of 5
23/03/2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com