Electronic Components Datasheet Search
  English  ▼

X  

MOD5272 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Updated: July 17, 2012 | Page 2 of 7
© 2012 NetBurner Inc. All Rights Reserved.
MOD5272
Specifications
Processor and Memory
32-bit Freescale ColdFire 5272 running at 62MHz with 8MB SDRAM and 2MB Flash
Network Interface
10/100 BaseT with RJ-45 connector (100 Version)
Data I/O Interface (J1 and J2)
• Up to 2 UARTs
• Up to 29 digital I/O
• Up to 2 external timer in and up to 3 timer outputs
• Up to 4 external IRQs
• 3 PWM
• SPI interface
• SD/MMCflashcardready
• 16-bit address bus and 16-bit data
bus with 3 chip selects
Flash Card Support
FAT32 support for SD Cards up to 8GB (requires exclusive use of SPI signals). Card types include SD/MMC (up to
2GB) and SDHC.
Serial Configurations
TheUARTscanbeconfiguredinthefollowingway:
• 2 TTL ports
• Add external level shifter for RS-232
• Add external level shifter for RS-422/485 (up to two ports)
Note: UART 0/1 also provides RTS/CTS hardware handshaking signals.
LEDs
Link and Speed (100 Version only, on RJ-45)
Physical Characteristics
Dimensions (inches): 2.60” x 2.00”
Mounting Holes: 2 x 0.125” dia
Power
DC Input Voltage: 3.3V @ 500mA typical
Environmental Operating Temperature
-40° to 85° C
RoHS Compliance
The Restriction of Hazardous Substances guidelines ensure that electronics are manufactured with fewer
environment harming materials.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com