Electronic Components Datasheet Search
  English  ▼

X  

MOD5272 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Updated: July 17, 2012 | Page 1 of 7
© 2012 NetBurner Inc. All Rights Reserved.
DATASHEET
MOD5272
Ethernet Core Module
100 Version
Key Points
• Use as a high-performance single board
computer or add Ethernet connectivity
to a new or existing design
• Customize with a development kit and begin
writing application code immediately!
• Industrial temperature range (-40°C to 85°C)
Device Connectivity
• 10/100Mbps Ethernet
• 2 UARTs and SPI
• SD/MMCflashcardready
• 29 digital I/Os
• 3 PWM
• 16-bit address bus and 16-bit data
bus with 3 chip selects
Performance and memory
• 32-bit 147.5 MHz Processor
• 8MB SDRAM and 2MB Flash
Companion development kit
The following is available with the development kit:
• Customizeanyaspectofoperationincludingwebpages,datafiltering,orcustomnetworkapplications
• Development software: NB Eclipse IDE, Graphical debugger, deployment tools, and examples
• Communicationsoftware:TCP/IPstack,HTTPwebserver,FTP,E-mail,andflashfilesystem
• System software: uC/OS RTOS, ANSI C/C++ compiler and linker
The following optional software modules are not included with kit and are sold separately:
• Embedded SSL & SSH Security Suite (Module License Version)
• SNMP


Similar Part No. - MOD5272

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MOD MULTICOMP-MOD Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-09-F MULTICOMP-MOD-09-F Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-09-M MULTICOMP-MOD-09-M Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-15-F MULTICOMP-MOD-15-F Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-15-M MULTICOMP-MOD-15-M Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
More results

Similar Description - MOD5272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6638 ETC1-1N6638 Datasheet
63Kb / 4P
SIGNAL OR COMPUTER DIODE
logo
Broadcom Corporation.
BCM567X BOARDCOM-BCM567X Datasheet
171Kb / 28P
A Scalable Approach to Gigabit Ethernet Switch Design
logo
Vishay Siliconix
AN723 VISHAY-AN723 Datasheet
296Kb / 8P
Design A High Performance Buck or Boost Converter With Si9165
logo
Sensitron
1N6638 SENSITRON-1N6638 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
logo
Intersil Corporation
ISL83080E-88E INTERSIL-ISL83080E-88E Datasheet
496Kb / 3P
Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
February 1, 2011
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
This device is suitable for use as a load switch or in PWM applications
logo
ON Semiconductor
EVBUM2697 ONSEMI-EVBUM2697 Datasheet
6Mb / 17P
NCP51820 High?뭆peed, Half?묪ridge, GaN Driver Evaluation Board for Existing or New PCB Designs
November, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
MAX77597EVKIT MAXIM-MAX77597EVKIT Datasheet
827Kb / 7P
Simple Two-Layer Board Serves as a Reference Design
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com