Electronic Components Datasheet Search
  English  ▼

X  

MOD5272 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Updated: July 17, 2012 | Page 4 of 7
© 2012 NetBurner Inc. All Rights Reserved.
MOD5272
Pinout and Signal Description
The module has two dual in-line 50 pin headers which enable you to connect to one of our standard NetBurner
Carrier Boards, or a board you create on your own. Table 1-2 provides descriptions of pin function of the module
header.
Table 1:
Pinout and Signal Descriptions for J1 Connector (1)
J1 Connector
Pin
CPU
Pin
Function 1
General Purpose I/O
Description
Max
Voltage
1
GND
Ground
-
2
GND
Ground
-
3
VCC3V
Input Power 3.3 VDC
3.3VDC
4
P14
R/W
Read / NOT Write1
3.3VDC
5
K10
CS1
Chip Select 11,2
3.3VDC
6
P11
CS2
Chip Select 21,2
3.3VDC
7
N11
CS3
Chip Select 31,2
3.3VDC
8
P13
OE
Output Enable1
3.3VDC
9
E12
BS2
Byte Strobe for D16 to D23 (8 bits)1
3.3VDC
10
E13
BS3
Byte Strobe for D24 to D31 (8 bits)1
3.3VDC
11
TIP
Transfer in Progress1,2
3.3VDC
12
A5
D0
Data Bus - Data 0
3.3VDC
13
F3
TA
PB5
Transfer Acknowledge1
3.3VDC
14
A6
D2
Data Bus - Data 2
3.3VDC
15
B6
D1
Data Bus - Data 1
3.3VDC
16
B7
D4
Data Bus - Data 4
3.3VDC
17
C7
D3
Data Bus - Data 3
3.3VDC
18
A8
D6
Data Bus - Data 6
3.3VDC
19
A7
D5
Data Bus - Data 5
3.3VDC
20
F12
D8
Data Bus - Data 8
3.3VDC
21
B8
D7
Data Bus - Data 7
3.3VDC
22
F14
D10
Data Bus - Data 10
3.3VDC
23
F13
D9
Data Bus - Data 9
3.3VDC
24
G13
D12
Data Bus - Data 12
3.3VDC
25
G12
D11
Data Bus - Data 11
3.3VDC
Note:
1.
Active low signals, such as RESET, are indicated with an overbar.
2.
The TIP signal is the logical AND of CS1, CS2 and CS3. TIP can be used to control an external data bus buffer for the data bus signals.
An example circuit design can be found on the Module Development Board schematic. An external data bus buffer is recommended for
any designs that use data bus signals D16 - D31.
3.
J2-31 represents TIN0 and PB4/UART0 external baud rate clock. These two signals are tied together on the module PCB.
4.
The ColdFire 5272 processor supports USB device mode only. A 48Mhz oscillator must be installed in locaton U8 of the Mod5272.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com