Electronic Components Datasheet Search
  English  ▼

X  

MOD5272 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Updated: July 17, 2012 | Page 6 of 7
© 2012 NetBurner Inc. All Rights Reserved.
MOD5272
Table 2:
NetBurner MOD5272 Pinout and Signal Descriptions (4) for J2 Connector
J2 Connector
Pin
CPU
Pin
Function 1
Function 2
General Purpose
I/O
Description
Max
Voltage
1
GND
Ground
-
2
VCC3V
Input power 3.3 VDC
3.3VDC
3
H1
UART0_RX
PB1
UART 0 Receive
3.3VDC
4
H4
UART0_TX
PB0
UART 0 Transmit
3.3VDC
5
NC
No Connect
3.3VDC
6
D11
PC14
Port C - Pin 14
3.3VDC
7
E11
PC13
Port C - Pin 13
3.3VDC
8
E10
PC15
Port C - Pin 15
3.3VDC
9
G11
PC11
Port C - Pin 11
3.3VDC
10
F11
PC12
Port C - Pin 12
3.3VDC
11
H11
PC10
Port C - Pin 10
3.3VDC
12
J13
PC9
Port C - Pin 9
3.3VDC
13
J12
PC8
Port C - Pin 8
3.3VDC
14
GND
Ground
-
15
L2
PC0
Port C - Pin 0
3.3VDC
16
L13
PC1
Port C - Pin 1
3.3VDC
17
K12
PC4
Port C - Pin 4
3.3VDC
18
L14
PC2
Port C - Pin 2
3.3VDC
19
K13
PC5
Port C - Pin 5
3.3VDC
20
K14
PC6
Port C - Pin 6
3.3VDC
21
K1
UART1_RX
T0IN
UART 1 Receive or Timer Input 0
3.3VDC
22
K4
UART1_TX
T0OUT
UART 1 Transmit or Timer Output 0
3.3VDC
23
K11
PC3
Port C - Pin 3
3.3VDC
24
J11
PC7
Port C - Pin 7
3.3VDC
25
L5
SPI_CLK
BUSW1
SPI Clock or Bus Width Bit 1
3.3VDC
Note:
1.
Active low signals, such as RESET, are indicated with an overbar.
2.
The TIP signal is the logical AND of CS1, CS2 and CS3. TIP can be used to control an external data bus buffer for the data bus signals.
An example circuit design can be found on the Module Development Board schematic. An external data bus buffer is recommended for
any designs that use data bus signals D16 - D31.
3.
J2-31 represents TIN0 and PB4/UART0 external baud rate clock. These two signals are tied together on the module PCB.
4.
The ColdFire 5272 processor supports USB device mode only. A 48Mhz oscillator must be installed in locaton U8 of the Mod5272.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com