Electronic Components Datasheet Search
  English  ▼

X  

AD7249 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7249
Description  LC2MOS Dual 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7249 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7249 Datasheet HTML 4Page - Analog Devices AD7249 Datasheet HTML 5Page - Analog Devices AD7249 Datasheet HTML 6Page - Analog Devices AD7249 Datasheet HTML 7Page - Analog Devices AD7249 Datasheet HTML 8Page - Analog Devices AD7249 Datasheet HTML 9Page - Analog Devices AD7249 Datasheet HTML 10Page - Analog Devices AD7249 Datasheet HTML 11Page - Analog Devices AD7249 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
–8–
AD7249
t2
t5
t4
t3
t10
t6
t7
t8
t9
DB15
DB14
DB13
DB12
DB11
DB0
DB15
DB14
DB13
DB12
DB10
DB0
DON'T
CARE
DON'T
CARE
DON'T
CARE
DAC
SELECT
=0
MSB
DON'T
CARE
DON'T
CARE
DON'T
CARE
DAC
SELECT
=1
MSB
LSB
LSB
DAC A
DAC B
t1
SCLK
SYNC
SDIN
LDAC
CLR
Figure 8. Timing Diagram
TRANSFER FUNCTION
The internal scaling resistors provided on the AD7249 allow
several output voltage ranges. The part can produce unipolar
output ranges of 0 V to +5 V or 0 V to +10 V and a bipolar
output range of
±5 V. Connections for the various ranges are
outlined below. Since each DAC has its own ROFS input the two
DACs can be set up for different output ranges.
Unipolar (0 V to +10 V) Configuration
The first of the configurations provides an output voltage range
of 0 V to +10 V. This is achieved by connecting the output
offset resistor ROFSA, ROFSB (Pin 3, 16) to AGND. Natural Bi-
nary data format is selected by connecting
BIN/COMP (Pin 7)
to DGND. In this configuration, the AD7249 can be operated
using either single or dual supplies. Note that the VDD supply is
AD7249*
VDD
VDD
2R
2R
2R
2R
A1
A2
12-BIT
DAC A
12-BIT
DAC B
REFOUT
REFIN
ROFSA
VOUTA
0V TO 10V
ROFSB
VOUTB
0V TO 10V
BIN/COMP
DGND
AGND
0V OR VSS
VSS
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 9. Unipolar (0 V to +10 V) Configuration
restricted to +15 V
± 10% for this range in order to maintain
sufficient amplifier headroom. Dual supplies may be used to
improve settling time and give increased current sink capability
for the amplifier. Figure 9 shows the connection diagram for
unipolar operation of the AD7249. Table I shows the digital
code vs. analog output for this configuration.
Unipolar (0 V to +5 V) Configuration
The 0 V to +5 V output voltage range is achieved by tying
ROFSA to VOUTA or ROFSB to VOUTB. Once again, the AD7249
can be operated using either single or dual supplies. The table
for output voltage versus digital code is as in Table I, with
2REFIN replaced by REFIN. Note, for this range, 1 LSB =
REFIN
× (2–12) = (REFIN/4096).
Table I. Unipolar Code Table (0 V to +10 V Range)
Input Data Word
MSB
LSB
Analog Output, VOUT
XXXY 1111 1111 1111
+2REFIN
× (4095/4096)
XXXY 1000 0000 0001
+2REFIN
× (2049/4096)
XXXY 1000 0000 0000
+2REFIN
× (2048/4096) = +REFIN
XXXY 0111 1111 1111
+2REFIN
× (2047/4096)
XXXY 0000 0000 0001
+2REFIN
× (1/4096)
XXXY 0000 0000 0000
0 V
X = Don’t Care.
Y = DAC Select Bit, 0 = DAC A, 1= DAC B.
Note: 1 LSB = 2REFIN/4096.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com