Electronic Components Datasheet Search
  English  ▼

X  

AD7249 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7249
Description  LC2MOS Dual 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7249 Datasheet(HTML) 4 Page - Analog Devices

  AD7249 Datasheet HTML 1Page - Analog Devices AD7249 Datasheet HTML 2Page - Analog Devices AD7249 Datasheet HTML 3Page - Analog Devices AD7249 Datasheet HTML 4Page - Analog Devices AD7249 Datasheet HTML 5Page - Analog Devices AD7249 Datasheet HTML 6Page - Analog Devices AD7249 Datasheet HTML 7Page - Analog Devices AD7249 Datasheet HTML 8Page - Analog Devices AD7249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
–4–
AD7249
PIN FUNCTION DESCRIPTION (DIP & SOIC PIN NUMBERS)
Pin
Mnemonic
Description
11
REFOUT
Voltage Reference Output. The internal 5 V analog reference is provided at this pin. To operate the
part using its internal reference, REFOUT should be connected to REFIN.
12
REFIN
Voltage Reference Input. It is internally buffered before being applied to both DACs. The nominal
reference voltage for specified operation of the AD7249 is 5 V.
13ROFSB
Output Offset Resistor for the amplifier of DAC B. It is connected to VOUTB for the +5 V range, to
AGND for the +10 V range and to REFIN for the –5 V to +5 V range.
14VOUTB
Analog Output Voltage of DAC B. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and –5 V to +5 V.
15
AGND
Analog Ground. Ground reference for all analog circuitry.
16
CLR
Clear, Logic Input. Taking this input low clears both DACs. It sets VOUTA and VOUTB to 0 V in both
unipolar ranges and the twos complement bipolar range and to –REFIN in the offset binary bipolar
range.
17
BIN/COMP
Logic Input. This input selects the data format to be either binary or twos complement. In both uni-
polar ranges natural binary format is selected by connecting this input to a Logic “0”. In the bipolar
configuration offset binary format is selected with a Logic “0” while a Logic “1” selects twos complement.
18
DGND
Digital Ground. Ground reference for all digital circuitry.
19
SDIN
Serial Data In, Logic Input. The 16-bit serial data word is applied to this input.
10
LDAC
Load DAC, Logic Input. Updates both DAC outputs. The DAC outputs are updated on the falling
edge of this signal or alternatively if this line is permanently low, an automatic update mode is se-
lected whereby both DACs are updated on the 16th falling SCLK pulse.
11
SCLK
Serial Clock, Logic Input. Data is clocked into the input register on each falling SCLK edge.
12
SYNC
Data Synchronization Pulse, Logic Input. Taking this input low initializes the internal logic in readi-
ness for a new data word.
13
VDD
Positive Power Supply.
14
VOUTA
Analog Output Voltage of DAC A. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and –5 V to +5 V.
15
VSS
Negative Power Supply (used for the output amplifier only) may be connected to 0 V for single sup-
ply operation or –12 V to –15 V for dual supplies.
16
ROFSA
Output Offset Resistor for the amplifier of DAC A. It is connected to VOUTA for the +5 V range, to
AGND for the +10 V range and to REFIN for the –5 V to +5 V range.
PIN CONFIGURATIONS
(DIP and SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
REFOUT
ROFSA
AD7249
REFIN
VSS
ROFSB
VOUTA
VOUTB
VDD
AGND
SYNC
CLR
SCLK
BIN/COMP
LDAC
DGND
SDIN
ORDERING GUIDE
Temperature
Relative
Package
Model
Range
Accuracy
Option
AD7249AN
–40
°C to +85°C
±1 LSB
N-16
AD7249BN
–40
°C to +85°C
±1/2 LSB
N-16
AD7249AR
–40
°C to +85°C
±1 LSB
R-16
AD7249BR
–40
°C to +85°C
±1/2 LSB
R-16
AD7249SQ
1
–55
°C to +125°C
±1 LSB
Q-16
NOTE
1Available to /883B processing only. Contact your local sales office for military
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com