Electronic Components Datasheet Search
  English  ▼

X  

AD7249 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7249
Description  LC2MOS Dual 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7249 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7249 Datasheet HTML 4Page - Analog Devices AD7249 Datasheet HTML 5Page - Analog Devices AD7249 Datasheet HTML 6Page - Analog Devices AD7249 Datasheet HTML 7Page - Analog Devices AD7249 Datasheet HTML 8Page - Analog Devices AD7249 Datasheet HTML 9Page - Analog Devices AD7249 Datasheet HTML 10Page - Analog Devices AD7249 Datasheet HTML 11Page - Analog Devices AD7249 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7249
REV. C
–9–
Bipolar ( 5 V) Configuration
The bipolar configuration for the AD7249, which gives an out-
put range of –5 V to +5 V, is achieved by connecting ROFSA,
ROFSB to VREFIN. The AD7249 must be operated from dual
supplies to achieve this output voltage range. Either offset binary
or twos complement coding may be selected. Figure 10 shows
the connection diagram for bipolar operation. An AD586 pro-
vides the reference voltage for the DAC but this could be pro-
vided by the on-chip reference by connecting REFOUT to
REFIN.
12-BIT
DAC A
12-BIT
DAC B
AD7249*
2R
2R
2R
2R
VDD
VDD
REFIN
ROFSA
VOUTA
–5V TO +5V
ROFSB
VOUTB
–5V TO +5V
BIN/COMP
DGND
AGND
VSS
VSS
*ADDITIONAL PINS OMITTED FOR CLARITY.
VDD
VOUT
+VIN
AD586
A1
A2
Figure 10. Bipolar Configuration with External Reference
Bipolar Operation (Twos Complement Data Format)
The AD7249 is configured for twos complement data format
by connecting
BIN/COMP (Pin 7) high. The analog output vs.
digital code is shown in Table II.
Table II. Twos Complement Bipolar Code Table
Input Data Word
MSB
LSB
Analog Output, VOUT
XXXY 0111 1111 1111
+REFIN
× (2047/2048)
XXXY 0000 0000 0001
+REFIN
× (1/2048)
XXXY 0000 0000 0000
0 V
XXXY 1111 1111 1111
–REFIN
× (1/2048)
XXXY 1000 0000 0001
–REFIN
× (2047/2048)
XXXY 1000 0000 0000
–REFIN
× (2048/2048) = –REFIN
X = Don’t Care.
Y = DAC Select Bit, 0 = DAC A, 1 = DAC B.
Note: 1 LSB = REFIN/2048.
Bipolar Operation (Offset Binary Data Format)
The AD7249 is configured for Offset Binary data format by
connecting
BIN/COMP (Pin 7) low. The analog output vs.
digital code may be obtained by inverting the MSB in Table II.
APPLYING THE AD7249
Good printed circuit board layout is as important as the overall
circuit design itself in achieving high speed converter perfor-
mance. The AD7249 works on an LSB size of 2.44 mV for the
unipolar 0 V to 10 V range and the bipolar
±5 V range, when
using the unipolar 0 V to 5 V range the LSB size is 1.22 mV.
Therefore the designer must be conscious of minimizing noise in
both the converter itself and in the surrounding circuitry.
Switching mode power supplies are not recommended as switch-
ing spikes can feedthrough to the on-chip amplifier. Other causes of
concern are ground loops and feedthrough from microproces-
sors. These are factors which influence any high performance
converter, and proper printed circuit board layout which mini-
mizes these effects is essential to obtain high performance.
LAYOUT HINTS
Ensure that the layout has the digital and analog tracks sepa-
rated as much as possible. Take care not to run any digital track
alongside an analog signal track. Establish a single point analog
ground separate from the logic system ground. Place this star
ground as close as possible to the AD7249. Connect all analog
grounds to this star point and also connect the AD7249 DGND
pin to this point. Do not connect any other digital grounds to
this analog ground point. Low impedance analog and digital
power supply common returns are essential for low noise opera-
tion of high performance converters. To accomplish this track
widths should be kept a wide as possible and also the use of
ground planes minimizes impedance paths and also guards the
analog circuitry from digital noise.
NOISE
Keep the signal leads on the VOUTA and VOUTB signals and the
signal return leads to AGND as short as possible to minimize
noise coupling. In applications where this is not possible use a
shielded cable between the DAC outputs and their destination.
Reduce the ground circuit impedance as much as possible since
any potential difference in grounds between the DAC and its
destination device appears as an error voltage in series with the
DAC output.
Power Supply Decoupling
To achieve optimum performance when using the AD7249, the
VDD and VSS lines should be decoupled to AGND using 0.1
µF
capacitors. In noisy environments it is recommended that 10
µF
capacitors be connected in parallel with the 0.1
µF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com