Electronic Components Datasheet Search
  English  ▼

X  

AD7249 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7249
Description  LC2MOS Dual 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7249 Datasheet(HTML) 1 Page - Analog Devices

  AD7249 Datasheet HTML 1Page - Analog Devices AD7249 Datasheet HTML 2Page - Analog Devices AD7249 Datasheet HTML 3Page - Analog Devices AD7249 Datasheet HTML 4Page - Analog Devices AD7249 Datasheet HTML 5Page - Analog Devices AD7249 Datasheet HTML 6Page - Analog Devices AD7249 Datasheet HTML 7Page - Analog Devices AD7249 Datasheet HTML 8Page - Analog Devices AD7249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Dual 12-Bit Serial DACPORT®
AD7249
GENERAL DESCRIPTION
The AD7249 DACPORT contains a pair of 12-bit, voltage-
output, digital-to-analog converters with output amplifiers and
Zener voltage reference on a monolithic CMOS chip. No exter-
nal trims are required to achieve full specified performance.
The output amplifiers are capable of developing +10 V across a
2 k
Ω load. The output voltage ranges with single supply opera-
tion are 0 V to +5 V or 0 V to +10 V, while an additional bipolar
±5 V output range is available with dual supplies. The ranges
are selected using the internal gain resistor.
Interfacing to the AD7249 is serial, minimizing pin count and
allowing a small package size. Standard control signals allow
interfacing to most DSP processors and microcontrollers. The
data stream consists of 16 bits, DB15 to DB13 are don’t care
bits, the 13th bit (DB12) is used as the channel select bit and
the remaining 12 bits (DB11 to DB0) contain the data to update
the DAC. The 16-bit data word is clocked into the input register
on each falling SCLK edge.
The data format is natural binary in both unipolar ranges, while
either offset binary or twos complement format may be selected
in the bipolar range. A
CLR function is provided which sets the
output to 0 V in both unipolar ranges and in the twos comple-
ment bipolar range, while with offset binary data format, the
output is set to –REFIN. This function is useful as a power-on
reset as it allows the outputs to be set to a known voltage level.
The AD7249 features a serial interface which allows easy con-
nection to both microcomputers and 16-bit digital signal proces-
sors with serial ports. The serial data may be applied at rates up
to 2 MHz allowing a DAC update rate of 125 kHz.
The AD7249 is fabricated on linear compatible CMOS
(LC
2MOS), an advanced, mixed technology process. It is pack-
aged in 16-lead DIP and 16-lead SOIC packages.
PRODUCT HIGHLIGHTS
1. Two complete 12-bit DACPORTs
The AD7249 contains two complete voltage output, 12-bit
DACs in both 16-lead DIP and SOIC packages.
2. Single or dual supply operation
3. Minimum 3-wire interface to most DSP processors
4. DAC update rate—125 kHz
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Two 12-Bit CMOS DAC Channels with
On-Chip Voltage Reference
Output Amplifiers
Three Selectable Output Ranges per Channel
–5 V to +5 V, 0 V to +5 V, 0 V to +10 V
Serial Interface
125 kHz DAC Update Rate
Small Size: 16-Lead DIP or SOIC
Low Power Dissipation
APPLICATIONS
Process Control
Industrial Automation
Digital Signal Processing Systems
Input/Output Ports
DACPORT is a registered trademark of Analog Devices, Inc.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
12-BIT
DAC A
12-BIT
DAC B
A2
A1
INPUT SHIFT REGISTER
AD7249
2R
2R
2R
2R
VDD
VSS
REFOUT
REFIN
AGND
DGND
ROFSA
VOUTA
ROFSB
VOUTB
SCLK
SDIN
BIN/COMP CLR
LDAC
SYNC


Similar Part No. - AD7249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7249 AD-AD7249 Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AN AD-AD7249AN Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249ANZ AD-AD7249ANZ Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AR AD-AD7249AR Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AR-REEL AD-AD7249AR-REEL Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
More results

Similar Description - AD7249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7237 AD-AD7237 Datasheet
1Mb / 7P
LC2MOS DUAL 12-BIT DACPORT
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com