Electronic Components Datasheet Search
  English  ▼

X  

AD73311ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD73311ARS
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD73311ARS Datasheet HTML 9Page - Analog Devices AD73311ARS Datasheet HTML 10Page - Analog Devices AD73311ARS Datasheet HTML 11Page - Analog Devices AD73311ARS Datasheet HTML 12Page - Analog Devices AD73311ARS Datasheet HTML 13Page - Analog Devices AD73311ARS Datasheet HTML 14Page - Analog Devices AD73311ARS Datasheet HTML 15Page - Analog Devices AD73311ARS Datasheet HTML 16Page - Analog Devices AD73311ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD73311
–13–
REV. B
FB = 4kHz
FSINIT = DMCLK/8
FB = 4kHz
FSINIT = DMCLK/8
SIGNAL TRANSFER FUNCTION
NOISE TRANSFER FUNCTION
FB = 4kHz FSINTER = DMCLK/256
FB = 4kHz FSFINAL = 8kHz FSINTER = DMCLK/256
a. Analog Antialias Filter Transfer Function
b. Analog Sigma-Delta Modulator Transfer Function
c. Digital Decimator Transfer Function
d. Final Filter LPF (HPF) Transfer Function
Figure 7. AD73311 ADC Frequency Responses
Decimation Filter
The digital filter used in the AD73311 carries out two important
functions. Firstly, it removes the out-of-band quantization noise,
which is shaped by the analog modulator and secondly, it
decimates the high frequency bit-stream to a lower rate 15-bit
word.
The antialiasing decimation filter is a sinc-cubed digital filter
that reduces the sampling rate from DMCLK/8 to DMCLK/
256, and increases the resolution from a single bit to 15 bits. Its
Z transform is given as: [(1–Z
–32)/(1–Z–1)]3. This ensures a
minimal group delay of 25
µs.
ADC Coding
The ADC coding scheme is in twos complement format (see
Figure 8). The output words are formed by the decimation
filter, which grows the word length from the single-bit output of
the sigma-delta modulator to a 15-bit word, which is the final
output of the ADC block. In 16-bit Data Mode this value is left
shifted with the LSB being set to 0. For input values equal to or
greater than positive full scale, however, the output word is set
at 0x7FFF, which has the LSB set to 1. In mixed Control/Data
Mode, the resolution is fixed at 15 bits, with the MSB of the
16-bit transfer being used as a flag bit to indicate either control
or data in the frame.
VINN
VINP
VREF + (VREF x 0.32875)
VREF
VREF – (VREF x 0.32875)
10...00
00...00
01...11
ADC CODE DIFFERENTIAL
VINN
VINP
VREF + (VREF x 0.6575)
VREF
VREF – (VREF x 0.6575)
10...00
00...00
01...11
ADC CODE SINGLE ENDED
ANALOG
INPUT
ANALOG
INPUT
Figure 8. ADC Transfer Function
Decoder Channel
The decoder channel consists of a digital interpolator, digital
sigma-delta modulator, a single bit digital-to-analog converter
(DAC), an analog smoothing filter and a programmable gain
amplifier with differential output.
DAC Coding
The DAC coding scheme is in twos complement format with
0x7FFF being full-scale positive and 0x8000 being full-scale
negative.
Interpolation Filter
The anti-imaging interpolation filter is a sinc-cubed digital
filter which up-samples the 16-bit input words from a rate of
DMCLK/256 to a rate of DMCLK/8 while filtering to attenuate
images produced by the interpolation process. Its Z transform is
given as: [(1–Z
–32)/(1–Z–1)]3. The DAC receives 16-bit samples
from the host DSP processor at a rate of DMCLK/256. If the
host processor fails to write a new value to the serial port, the
existing (previous) data is read again. The data stream is filtered
by the anti-imaging interpolation filter, but there is an option to
bypass the interpolator for the minimum group delay configura-
tion by setting the IBYP bit (CRE:5) of Control register E. The
interpolation filter has the same characteristics as the ADC’s
antialiasing decimation filter.
The output of the interpolation filter is fed to the DAC’s digital
sigma-delta modulator, which converts the 16-bit data to 1-bit
samples at a rate of DMCLK/8. The modulator noise-shapes
the signal so that errors inherent to the process are minimized in
the passband of the converter. The bit-stream output of the
sigma-delta modulator is fed to the single bit DAC where it is
converted to an analog voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com