| Electronic Components Datasheet Search |
|
AD73311ARS Datasheet(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD73311ARS Datasheet(HTML) 26 Page - Analog Devices |
|
26 / 36 page ![]() AD73311 –26– REV. B Cascade Operation Where it is required to configure a cascade of up to eight de- vices, it is necessary to ensure that the timing of the SE and RESET signals is synchronized at each device in the cascade. A simple D type flip flop is sufficient to sync each signal to the master clock MCLK, as in Figure 30. 1/2 74HC74 D CLK Q DSP CONTROL TO SE MCLK SE SIGNAL SYNCHRONIZED TO MCLK DSP CONTROL TO RESET MCLK RESET SIGNAL SYNCHRONIZED TO MCLK 1/2 74HC74 D CLK Q Figure 30. SE and RESET Sync Circuit for Cascaded Operation Connection of a cascade of devices to a DSP, as shown in Fig- ure 31, is no more complicated than connecting a single device. Instead of connecting the SDO and SDOFS to the DSP’s Rx port, these are now daisy-chained to the SDI and SDIFS of the next device in the cascade. The SDO and SDOFS of the final device in the cascade are connected to the DSP’s Rx port to complete the cascade. SE and RESETB on all devices are fed from the signals that were synchronized with the MCLK using the circuit as described above. The SCLK from only one device need be connected to the DSP’s SCLK input(s) as all devices will be running at the same SCLK frequency and phase. SDIFS SDI SCLK SDO SDOFS TFS DT SCLK DR RFS MCLK SE RESET DEVICE 1 FL0 FL1 SDIFS SDI SCLK SDO SDOFS MCLK SE RESET DEVICE 2 74HC74 D1 D2 Q1 Q2 CLK AD73311 CODEC AD73311 CODEC ADSP-2181 DSP Figure 31. Connection of Two AD73311s Cascaded to ADSP-2181 Grounding and Layout Since the analog inputs to the AD73311 are differential, most of the voltages in the analog modulator are common-mode volt- ages. The excellent common-mode rejection of the part will remove common-mode noise on these inputs. The analog and digital supplies of the AD73311 are independent and separately pinned out to minimize coupling between analog and digital sections of the device. The digital filters on the encoder section will provide rejection of broadband noise on the power supplies, except at integer multiples of the modulator sampling frequency. The digital filters also remove noise from the analog inputs provided the noise source does not saturate the analog modula- tor. However, because the resolution of the AD73311’s ADC is high, and the noise levels from the AD73311 are so low, care must be taken with regard to grounding and layout. The printed circuit board that houses the AD73311 should be designed so the analog and digital sections are separated and confined to certain sections of the board. The AD73311 pin configuration offers a major advantage in that its analog and digital interfaces are connected on opposite sides of the package. This facilitates the use of ground planes that can be easily sepa- rated, as shown in Figure 32. A minimum etch technique is generally best for ground planes as it gives the best shielding. Digital and analog ground planes should be joined in only one place. If this connection is close to the device, it is recom- mended to use a ferrite bead inductor as shown in Figure 32. DIGITAL GROUND ANALOG GROUND Figure 32. Ground Plane Layout Avoid running digital lines under the device for they will couple noise onto the die. The analog ground plane should be allowed to run under the AD73311 to avoid noise coupling. The power supply lines to the AD73311 should use as large a trace as pos- sible to provide low impedance paths and reduce the effects of glitches on the power supply lines. Fast switching signals such as clocks should be shielded with digital ground to avoid radiating noise to other sections of the board, and clock signals should never be run near the analog inputs. Traces on opposite sides of the board should run at right angles to each other. This will reduce the effects of feedthrough through the board. A microstrip technique is by far the best but is not always possible with a double-sided board. In this technique, the component side of the board is dedicated to ground planes while signals are placed on the other side. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |