Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7470 Datasheet HTML 5Page - Analog Devices AD7470 Datasheet HTML 6Page - Analog Devices AD7470 Datasheet HTML 7Page - Analog Devices AD7470 Datasheet HTML 8Page - Analog Devices AD7470 Datasheet HTML 9Page - Analog Devices AD7470 Datasheet HTML 10Page - Analog Devices AD7470 Datasheet HTML 11Page - Analog Devices AD7470 Datasheet HTML 12Page - Analog Devices AD7470 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD7470/AD7472
–9–
ADC TRANSFER FUNCTION
The output coding of the AD7470/AD7472 is straight binary.
The designed code transitions occur at successive integer LSB
values (i.e., 1 LSB, 2 LSB, etc.). The LSB size is = (REF IN)/
4096 for the AD7472 and (REF IN)/1024 for the AD7470. The
ideal transfer characteristic for the AD7472 is shown in Figure 6.
111...111
111...110
111...000
011...111
000...010
000...001
000...000
0V 1/2LSB
+VREF –1LSB
ANALOG INPUT
1LSB = VREF/4096
Figure 6. Transfer Characteristic for 12 Bits
AC ACQUISITION TIME
In ac applications it is recommended to always buffer analog
input signals. The source impedance of the drive circuitry must
be kept as low as possible to minimize the acquisition time of
the ADC. Large values of impedance at the VIN pin of the
ADC will cause the THD to degrade at high input frequencies.
TYPICAL AMPLIFIER
INPUT
SNR
THD
CURRENT
BUFFERS
500kHz
500kHz
CONSUMPTION
AD8047
70
78
5.8mA
AD9631
69.5
80
17mA
AD8051
68.6
78
4.4mA
AD797
70
84
8.2mA
AD7470/AD7472
DYNAMIC
PERFORMANCE
SPECIFICATIONS
Figure 7. Recommended Input Buffers
Reference Input
The following references are best suited for use with the
AD7470/AD7472.
ADR291
AD780
AD192
For optimum performance, a 2.5 V reference is recommended.
The part can function with a reference up to 3 V and down to
2 V, but the performance deteriorates.
DC Acquisition Time
The ADC starts a new acquisition phase at the end of a conver-
sion and ends it on the falling edge of the
CONVST signal. At
the end of conversion there is a settling time associated with the
sampling circuit. This settling time lasts approximately 135 ns.
The analog signal on VIN is also being acquired during this
settling time; therefore, the minimum acquisition time needed is
approximately 135 ns.
Figure 8 shows the equivalent charging circuit for the sampling
capacitor when the ADC is in its acquisition phase. R3 repre-
sents the source impedance of a buffer amplifier or resistive
network, R1 is an internal switch resistance, R2 is for bandwidth
control and C1 is the sampling capacitor. C2 is back-plate ca-
pacitance and switch parasitic capacitance.
During the acquisition phase the sampling capacitor must be
charged to within 1 LSB of its final value.
R3
R1
125
VIN
C1
22pF
C2
8pF
R2
636
Figure 8. Equivalent Sampling Circuit
ANALOG INPUT
Figure 9 shows the equivalent circuit of the analog input struc-
ture of the AD7470/AD7472. The two diodes, D1 and D2,
provide ESD protection for the analog inputs. The capacitor C3
is typically about 4 pF and can be primarily attributed to pin
capacitance. The resistor R1 is an internal switch resistance.
This resistor is typically about 125
Ω. The capacitor C1 is the
sampling capacitor while R2 is used for bandwidth control.
R1
125
VIN
C1
22pF
C2
8pF
R2
636
D1
D2
C3
4pF
VDD
Figure 9. Equivalent Analog Input Circuit
CLOCK SOURCES
The max CLK specification for the AD7470 is 30 MHz and for
the AD7472, it is 26 MHz. These frequencies are not standard
off-the-shelf oscillator frequencies. Many manufacturers pro-
duce oscillator modules close to these frequencies; a typical one
being 25.175 MHz from IQD Limited. AEL Crystals Limited
produce a 25 MHz oscillator module in various packages. Crys-
tal oscillator manufacturers will produce 26 MHz and 30 MHz
oscillators to order. Of course any clock source can be used, not
just crystal oscillators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com