Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7470 Datasheet HTML 8Page - Analog Devices AD7470 Datasheet HTML 9Page - Analog Devices AD7470 Datasheet HTML 10Page - Analog Devices AD7470 Datasheet HTML 11Page - Analog Devices AD7470 Datasheet HTML 12Page - Analog Devices AD7470 Datasheet HTML 13Page - Analog Devices AD7470 Datasheet HTML 14Page - Analog Devices AD7470 Datasheet HTML 15Page - Analog Devices AD7470 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
AD7470/AD7472
–14–
GROUNDING AND LAYOUT
The analog and digital power supplies are independent and
separately pinned out to minimize coupling between analog and
digital sections within the device. To complement the excellent
noise performance of the AD7470/AD7472 it is imperative that
care be given to the PCB layout. Figure 25 shows a recom-
mended connection diagram for the AD7470/AD7472.
All of the AD7470/AD7472 ground pins should be soldered
directly to a ground plane to minimize series inductance. The
AVDD, DVDD and VDRIVE pins should be decoupled to both the
analog and digital ground planes. The large value capacitors will
decouple low frequency noise to analog ground, the small value
capacitors will decouple high frequency noise to digital ground.
All digital circuitry power pins should be decoupled to the digi-
tal ground plane. The use of ground planes can physically sepa-
rate sensitive analog components from the noisy digital system.
The two ground planes should be joined in only one place and
should not overlap so as to minimize capacitive coupling be-
tween them. If the AD7470/AD7472 is in a system where
multiple devices require AGND to DGND connections, the
connection should still be made at one point only, a star ground
point, which should be established as close as possible to the
AD7470/AD7472.
Noise can be minimized by applying some simple rules to the
PCB layout: analog signals should be kept away from digital
signals; fast switching signals like clocks should be shielded with
digital ground to avoid radiating noise to other sections of the
board and clock signals should never be run near the analog
inputs; avoid running digital lines under the device as these will
couple noise onto the die; the power supply lines to the AD7470/
AD7472 should use as large a trace as possible to provide a low
impedance path and reduce the effects of glitches on the power
supply line; avoid crossover of digital and analog signals and
place traces that are on opposite sides of the board at right angles
to each other.
Noise to the analog power line can be further reduced by use of
multiple decoupling capacitors as shown in Figure 25. Decou-
pling capacitors should be placed directly at the power inlet to
the PCB and also as close as possible to the power pins of the
AD7470/AD7472. The same decoupling method should be
used on other ICs on the PCB, with the capacitor leads as short
as possible to minimize lead inductance.
POWER SUPPLIES
Separate power supplies for AVDD and DVDD are desirable but if
necessary DVDD may share its power connection to AVDD. The
digital supply (DVDD) must not exceed the analog supply (AVDD)
by more than 0.3 V in normal operation.
MICROPROCESSOR INTERFACING
AD7470/AD7472 to ADSP-2185 Interface
Figure 26 shows a typical interface between the AD7470/AD7472
and the ADSP-2185. The ADSP-2185 processor can be used in
one of two memory modes, Full Memory Mode and Host Mode.
The Mode C pin determines in which mode the processor works.
The interface in Figure 26 is set up to have the processor work-
ing in Full Memory Mode, which allows full external addressing
capabilities.
When the AD7470/AD7472 has finished converting, the BUSY
line requests an interrupt through the
IRQ2 pin. The IRQ2
interrupt has to be set up in the interrupt control register as
edge-sensitive. The DMS (Data Memory Select) pin latches in
the address of the A/D into the address decoder. The read op-
eration is thus started.
ADDRESS
DECODER
AD7470/
AD7472*
ADSP-2185*
A0–A15
DMS
IRQ2
RD
MODE C
D0–D23
CONVST
CS
RD
BUSY
DB0–DB9
(DB11)
ADDRESS BUS
DATA BUS
100k
*ADDITIONAL PINS OMITTED FOR CLARITY
OPTIONAL
Figure 26. Interfacing to the ADSP-2185
AD7470/AD7472 to ADSP-21065 Interface
Figure 27 shows a typical interface between the AD7470/AD7472
and the ADSP-21065L SHARC
® processor. This interface is an
example of one of three DMA handshake modes. The
MSX
AD7470/
AD7472
AD780
10 F
+
1nF
VIN
VOUT
1nF
+
10 F
0.1 F
10 F
DVDD
AGND
DGND
VDRIVE
VREF
AVDD
+
0.1 F47 F
ANALOG
SUPPLY
+5V
+
0.1 F
Figure 25. Decoupling Circuit
SHARC is a registered trademark of Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com