Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7470 Datasheet HTML 8Page - Analog Devices AD7470 Datasheet HTML 9Page - Analog Devices AD7470 Datasheet HTML 10Page - Analog Devices AD7470 Datasheet HTML 11Page - Analog Devices AD7470 Datasheet HTML 12Page - Analog Devices AD7470 Datasheet HTML 13Page - Analog Devices AD7470 Datasheet HTML 14Page - Analog Devices AD7470 Datasheet HTML 15Page - Analog Devices AD7470 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
AD7470/AD7472
–12–
Mode 1
Figure 14 shows the AD7472 conversion sequence in Mode 1
using a throughput rate of 500 kSPS and a clock frequency of
26 MHz. At 5 V supply the current consumption for the part
when converting is 2 mA and the quiescent current is 650
µA.
The conversion time of 531.66 ns contributes 2.658 mW to the
overall power dissipation in the following way:
(531.66 ns/2
µs) × (5 × 2 mA) = 2.658 mW
The contribution to the total power dissipated by the remaining
1.468
µs of the cycle is 2.38 mW.
(1.468
µs/2 µs) × (5 × 650 µA) = 2.38 mW
Thus the power dissipated during each cycle is:
2.658 mW + 2.38 mW = 5.038 mW
CONVST
BUSY
531.66ns
1.468 s
2 s
tCONVERT
tQUIESCENT
Figure 14. Mode 1 Power Dissipation
Mode 2
Figure 15 shows the AD7472 conversion sequence in Mode 2
using a throughput rate of 500 kSPS and a clock frequency of
26 MHz. At 5 V supply the current consumption for the part
when converting is 2 mA, while the sleep current is 1
µA max.
The power dissipated during this power-down is negligible and
is thus not worth considering in the total power figure. During
the wake-up phase, the AD7472 will draw 650
µA. Overall
power dissipated is:
531 66
2
5
2
1
2
5
650
4 283
./
/
.
ns
s
mA
s
s
A
mW
µµ
µ
µ
() ××
() + () ××
() =
CONVST
BUSY
tWAKEUP
531.66ns
1.468 s
2 s
1 s
tCONVERT
tQUIESCENT
Figure 15. Mode 2 Power Dissipation
Figure 16 and Figure 17 show a typical graphical representation
of Power vs. Throughput for the AD7472 when in (a) Mode 1
@ 5 V and 3 V and Mode 2 @ 5 V and 3 V.
THROUGHPUT – kHz
8
4
0
50
300
1500
1300
1100
1000
800
600
7
3
6
2
5
1
+5V
+3V
Figure 16. Power vs. Throughput (Mode 1 @ 5 V and 3 V)
THROUGHPUT – kHz
4
0
50 100
750
700
650
600
300
200
7
3
6
2
5
1
150
350
250
400 450 500 550
+5V
+3V
Figure 17. Power vs. Throughput (Mode 2 @ 5 V and 3 V)
CODE
1
0
–1
0
4096
–0.8
3584
3072
2560
2048
1536
1024
512
–0.6
–0.4
–0.2
0.2
0.4
0.6
0.8
Figure 18. Typical INL for 2.75 V @ +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com