Electronic Components Datasheet Search
  English  ▼

X  

PCA9539APW Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 10Page - NXP Semiconductors PCA9539APW Datasheet HTML 11Page - NXP Semiconductors PCA9539APW Datasheet HTML 12Page - NXP Semiconductors PCA9539APW Datasheet HTML 13Page - NXP Semiconductors PCA9539APW Datasheet HTML 14Page - NXP Semiconductors PCA9539APW Datasheet HTML 15Page - NXP Semiconductors PCA9539APW Datasheet HTML 16Page - NXP Semiconductors PCA9539APW Datasheet HTML 17Page - NXP Semiconductors PCA9539APW Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
14 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
8.
Application design-in information
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 12. Since the LED acts as a diode, when the LED is off the I/O
VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes lower
than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 13 shows a high value resistor in parallel with the LED. Figure 14 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevents additional supply current consumption when the LED is off.
Device address configured as 1110 100X for this example.
P0_0, P0_2, P0_3 configured as outputs.
P0_1, P0_4, P0_5 configured as inputs.
P0_6, P0_7 and P1_0 to P1_7 configured as inputs.
(1) External resistors are required for inputs (on P port) that may float. If a driver to an input will never let the input float, a resistor
is not needed. If an output in the P port is configured as a push-pull output there is no need for external pull-up resistors. If an
output in the P port is configured as an open-drain output, external pull-up resistors are required.
Fig 12. Typical application
PCA9539A
P0_0
P0_1
SCL
SDA
VDD
(3.3 V)
MASTER
CONTROLLER
SCL
SDA
INT
P0_2
VDD
A1
A0
VDD
VSS
INT
10 kΩ
SUB-SYSTEM 1(1)
(e.g., temp sensor)
P0_3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
VDD
A
B
enable
SUB-SYSTEM 3(1)
(e.g., alarm system)
ALARM
P0_4
P0_5
P0_6
10 DIGIT
NUMERIC
KEYPAD
VSS
002aag163
10 kΩ
10 kΩ
2 kΩ
100 kΩ
(×3)
P0_7
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
RESET
RESET
10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com