Electronic Components Datasheet Search
  English  ▼

X  

PCAL9535AHF Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCAL9535AHF
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535AHF Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCAL9535AHF Datasheet HTML 38Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 39Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 40Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 41Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 42Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 43Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 44Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 45Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 46Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 28 September 2012
Document identifier: PCAL9535A
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
23. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 2
2.1
Agile I/O features . . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Functional description . . . . . . . . . . . . . . . . . . . 5
6.1
Device address . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2
Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2.1
Pointer register and command byte . . . . . . . . . 5
6.2.2
Input port register pair (00h, 01h) . . . . . . . . . . . 7
6.2.3
Output port register pair (02h, 03h) . . . . . . . . . 7
6.2.4
Polarity inversion register pair (04h, 05h) . . . . . 8
6.2.5
Configuration register pair (06h, 07h) . . . . . . . . 8
6.2.6
Output drive strength register pairs
(40h, 41h, 42h, 43h) . . . . . . . . . . . . . . . . . . . . . 9
6.2.7
Input latch register pair (44h, 45h) . . . . . . . . . . 9
6.2.8
Pull-up/pull-down enable register pair
(46h, 47h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
6.2.9
Pull-up/pull-down selection register pair
(48h, 49h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
6.2.10
Interrupt mask register pair (4Ah, 4Bh). . . . . . 11
6.2.11
Interrupt status register pair (4Ch, 4Dh) . . . . . 12
6.2.12
Output port configuration register (4Fh) . . . . . 12
6.3
I/O port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.4
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . 13
6.5
Interrupt output . . . . . . . . . . . . . . . . . . . . . . . . 14
7
Bus transactions . . . . . . . . . . . . . . . . . . . . . . . 14
7.1
Writing to the port registers. . . . . . . . . . . . . . . 14
7.2
Reading the port registers . . . . . . . . . . . . . . . 16
8
Application design-in information . . . . . . . . . 20
8.1
Minimizing IDD when the I/Os are used
to control LEDs . . . . . . . . . . . . . . . . . . . . . . . . 20
8.2
Output drive strength control . . . . . . . . . . . . . 21
8.3
Power-on reset requirements . . . . . . . . . . . . . 22
8.4
Device current consumption with internal
pull-up and pull-down resistors . . . . . . . . . . . . 24
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 25
10
Recommended operating conditions. . . . . . . 25
11
Thermal characteristics . . . . . . . . . . . . . . . . . 25
12
Static characteristics . . . . . . . . . . . . . . . . . . . . 26
12.1
Typical characteristics . . . . . . . . . . . . . . . . . . 28
13
Dynamic characteristics. . . . . . . . . . . . . . . . . 32
14
Parameter measurement information . . . . . . 33
15
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 36
16
Handling information . . . . . . . . . . . . . . . . . . . 38
17
Soldering of SMD packages . . . . . . . . . . . . . . 38
17.1
Introduction to soldering. . . . . . . . . . . . . . . . . 38
17.2
Wave and reflow soldering. . . . . . . . . . . . . . . 38
17.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . 38
17.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . 39
18
Soldering: PCB footprints . . . . . . . . . . . . . . . 41
19
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 43
20
Revision history . . . . . . . . . . . . . . . . . . . . . . . 43
21
Legal information . . . . . . . . . . . . . . . . . . . . . . 44
21.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 44
21.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
21.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 44
21.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 45
22
Contact information . . . . . . . . . . . . . . . . . . . . 45
23
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com