Electronic Components Datasheet Search
  English  ▼

X  

PCAL9535AHF Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCAL9535AHF
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535AHF Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCAL9535AHF Datasheet HTML 10Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 11Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 12Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 13Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 14Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 15Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 16Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 17Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
14 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
6.5 Interrupt output
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode.
After time tv(INT), the signal INT is valid. The interrupt is reset when data on the port
changes back to the original value or when data is read form the port that generated the
interrupt (see Figure 10). Resetting occurs in the Read mode at the acknowledge (ACK)
or not acknowledge (NACK) bit after the rising edge of the SCL signal. Interrupts that
occur during the ACK or NACK clock pulse can be lost (or be very short) due to the
resetting of the interrupt during this pulse. Any change of the I/Os after resetting is
detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output
to an input may cause a false interrupt to occur, if the state of the pin does not match the
contents of the Input Port register.
The INT output has an open-drain structure and requires pull-up resistor to VDD.
When using the input latch feature, the input pin state is latched. The interrupt is reset only
when data is read from the port that generated the interrupt. The reset occurs in the Read
mode at the acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of
the SCL signal.
7.
Bus transactions
The PCAL9535A is an I2C-bus slave device. Data is exchanged between the master and
PCAL9535A through write and read commands using I2C-bus. The two communication
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Writing to the port registers
Data is transmitted to the PCAL9535A by sending the device address and setting the least
significant bit to a logic 0 (see Figure 4 “PCAL9535A device address”). The command
byte is sent after the address and determines which register will receive the data following
the command byte.
Twenty-two registers within the PCAL9535A are configured to operate as eleven register
pairs. The eleven pairs are input port, output port, polarity inversion, configuration,
output drive strength (two 16-bit registers), input latch, pull-up/pull-down enable,
pull-up/pull-down selection, interrupt mask, and interrupt status registers. After sending
data to one register, the next data byte is sent to the other register in the pair (see Figure 7
and Figure 8). For example, if the first byte is sent to Output Port 1 (register 3), the next
byte is stored in Output Port 0 (register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this
way, the host can continuously update a register pair independently of the other registers,
or the host can simply update a single register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com