Electronic Components Datasheet Search
  English  ▼

X  

PCAL9535AHF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL9535AHF
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535AHF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL9535AHF Datasheet HTML 2Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 3Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 4Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 5Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 6Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 7Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 8Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 9Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
6 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
[1]
Undefined.
Fig 5.
Pointer register bits
002aaf540
B7
B6
B5
B4
B3
B2
B1
B0
Table 4.
Command byte
Pointer register bits
Command byte
(hexadecimal)
Register
Protocol
Power-up
default
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
00h
Input port 0
read byte
xxxx xxxx[1]
0
0
0
0
0
0
0
1
01h
Input port 1
read byte
xxxx xxxx
0
0
0
0
0
0
1
0
02h
Output port 0
read/write byte
1111 1111
0
0
0
0
0
0
1
1
03h
Output port 1
read/write byte
1111 1111
0
0
0
0
0
1
0
0
04h
Polarity Inversion port 0
read/write byte
0000 0000
0
0
0
0
0
1
0
1
05h
Polarity Inversion port 1
read/write byte
0000 0000
0
0
0
0
0
1
1
0
06h
Configuration port 0
read/write byte
1111 1111
0
0
0
0
0
1
1
1
07h
Configuration port 1
read/write byte
1111 1111
0
1
0
0
0
0
0
0
40h
Output drive strength
register 0
read/write byte
1111 1111
0
1
0
0
0
0
0
1
41h
Output drive strength
register 0
read/write byte
1111 1111
0
1
0
0
0
0
1
0
42h
Output drive strength
register 1
read/write byte
1111 1111
0
1
0
0
0
0
1
1
43h
Output drive strength
register 1
read/write byte
1111 1111
0
1
0
0
0
1
0
0
44h
Input latch register 0
read/write byte
0000 0000
0
1
0
0
0
1
0
1
45h
Input latch register 1
read/write byte
0000 0000
0
1
0
0
0
1
1
0
46h
Pull-up/pull-down enable
register 0
read/write byte
0000 0000
0
1
0
0
0
1
1
1
47h
Pull-up/pull-down enable
register 1
read/write byte
0000 0000
0
1
0
0
1
0
0
0
48h
Pull-up/pull-down
selection register 0
read/write byte
1111 1111
0
1
0
0
1
0
0
1
49h
Pull-up/pull-down
selection register 1
read/write byte
1111 1111
0
1
0
0
1
0
1
0
4Ah
Interrupt mask register 0
read/write byte
1111 1111
0
1
0
0
1
0
1
1
4Bh
Interrupt mask register 1
read/write byte
1111 1111
0
1
0
0
1
1
0
0
4Ch
Interrupt status register 0
read byte
0000 0000
0
1
0
0
1
1
0
1
4Dh
Interrupt status register 1
read byte
0000 0000
0
1
0
0
1
1
1
1
4Fh
Output port configuration
register
read/write byte
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com