Electronic Components Datasheet Search
  English  ▼

X  

PCAL9535AHF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCAL9535AHF
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535AHF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCAL9535AHF Datasheet HTML 6Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 7Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 8Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 9Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 10Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 11Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 12Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 13Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
10 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
cleared, assuming there were no additional input(s) that have changed, and bit 4 of the
input port 0 register will read ‘1’. The next read of the input port 0 register bit 4 register
should now read ‘0’.
An interrupt remains active when a non-latched input simultaneously switches state with a
latched input and then returns to its original state. A read of the input register reflects only
the change of state of the latched input and also clears the interrupt. The interrupt is not
cleared if the input latch register changes from latched to non-latched configuration. If the
input pin is changed from latched to non-latched input, a read from the input port register
reflects the current port logic level. If the input pin is changed from non-latched to latched
input, the read from the input register reflects the latched logic level. A register pair write is
described in Section 7.1 and a register pair read is described in Section 7.2.
6.2.8 Pull-up/pull-down enable register pair (46h, 47h)
These registers allow the user to enable or disable pull-up/pull-down resistors on the I/O
pins. Setting the bit to logic 1 enables the selection of pull-up/pull-down resistors. Setting
the bit to logic 0 disconnects the pull-up/pull-down resistors from the I/O pins. Also, the
resistors will be disconnected when the outputs are configured as open-drain outputs (see
Section 6.2.12). Use the pull-up/pull-down registers to select either a pull-up or pull-down
resistor. A register pair write is described in Section 7.1 and a register pair read is
described in Section 7.2.
Table 17.
Input latch port 0 register (address 44h)
Bit
7
6
5
4
3
2
1
0
Symbol
L0.7
L0.6
L0.5
L0.4
L0.3
L0.2
L0.1
L0.0
Default
00
00
00
00
Table 18.
Input latch port 1 register (address 45h)
Bit
7
6
5
4
3
2
1
0
Symbol
L1.7
L1.6
L1.5
L1.4
L1.3
L1.2
L1.1
L1.0
Default
00
00
00
00
Table 19.
Pull-up/pull-down enable port 0 register (address 46h)
Bit
7
6
5
4
3
2
1
0
Symbol
PE0.7
PE0.6
PE0.5
PE0.4
PE0.3
PE0.2
PE0.1
PE0.0
Default
00
00
00
00
Table 20.
Pull-up/pull-down enable port 1 register (address 47h)
Bit
7
6
5
4
3
2
1
0
Symbol
PE1.7
PE1.6
PE1.5
PE1.4
PE1.3
PE1.2
PE1.1
PE1.0
Default
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com