Electronic Components Datasheet Search
  English  ▼

X  

PCAL9539APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCAL9539APW
Description  Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9539APW Datasheet(HTML) 4 Page - NXP Semiconductors

  PCAL9539APW Datasheet HTML 1Page - NXP Semiconductors PCAL9539APW Datasheet HTML 2Page - NXP Semiconductors PCAL9539APW Datasheet HTML 3Page - NXP Semiconductors PCAL9539APW Datasheet HTML 4Page - NXP Semiconductors PCAL9539APW Datasheet HTML 5Page - NXP Semiconductors PCAL9539APW Datasheet HTML 6Page - NXP Semiconductors PCAL9539APW Datasheet HTML 7Page - NXP Semiconductors PCAL9539APW Datasheet HTML 8Page - NXP Semiconductors PCAL9539APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
PCAL9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
4 of 48
NXP Semiconductors
PCAL9539A
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for TSSOP24
Fig 3.
Pin configuration for HWQFN24
PCAL9539APW
INT
VDD
A1
SDA
RESET
SCL
P0_0
A0
P0_1
P1_7
P0_2
P1_6
P0_3
P1_5
P0_4
P1_4
P0_5
P1_3
P0_6
P1_2
P0_7
P1_1
VSS
P1_0
002aag168
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
002aag169
PCAL9539AHF
Transparent top view
P1_3
P0_4
P0_5
P1_4
P0_3
P1_5
P0_2
P1_6
P0_1
P1_7
P0_0
A0
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
Table 3.
Pin description
Symbol
Pin
Type
Description
TSSOP24
HWQFN24
INT
1
22
O
Interrupt output. Connect to VDD through a
pull-up resistor.
A1
2
23
I
Address input 1. Connect directly to VDD or VSS.
RESET
3
24
I
Active LOW reset input. Connect to VDD through
a pull-up resistor if no active connection is used.
P0_0[2]
4
1
I/O
Port 0 input/output 0.
P0_1[2]
5
2
I/O
Port 0 input/output 1.
P0_2[2]
6
3
I/O
Port 0 input/output 2.
P0_3[2]
7
4
I/O
Port 0 input/output 3.
P0_4[2]
8
5
I/O
Port 0 input/output 4.
P0_5[2]
9
6
I/O
Port 0 input/output 5.
P0_6[2]
10
7
I/O
Port 0 input/output 6.
P0_7[2]
11
8
I/O
Port 0 input/output 7.
VSS
12
9[1]
power
Ground.
P1_0[3]
13
10
I/O
Port 1 input/output 0.
P1_1[3]
14
11
I/O
Port 1 input/output 1.
P1_2[3]
15
12
I/O
Port 1 input/output 2.
P1_3[3]
16
13
I/O
Port 1 input/output 3.
P1_4[3]
17
14
I/O
Port 1 input/output 4.
P1_5[3]
18
15
I/O
Port 1 input/output 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com