Electronic Components Datasheet Search
  English  ▼

X  

PCAL9539APW Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCAL9539APW
Description  Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9539APW Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCAL9539APW Datasheet HTML 8Page - NXP Semiconductors PCAL9539APW Datasheet HTML 9Page - NXP Semiconductors PCAL9539APW Datasheet HTML 10Page - NXP Semiconductors PCAL9539APW Datasheet HTML 11Page - NXP Semiconductors PCAL9539APW Datasheet HTML 12Page - NXP Semiconductors PCAL9539APW Datasheet HTML 13Page - NXP Semiconductors PCAL9539APW Datasheet HTML 14Page - NXP Semiconductors PCAL9539APW Datasheet HTML 15Page - NXP Semiconductors PCAL9539APW Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
PCAL9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
12 of 48
NXP Semiconductors
PCAL9539A
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.2.11 Interrupt status register pair (4Ch, 4Dh)
These read-only registers are used to identify the source of an interrupt. When read, a
logic 1 indicates that the corresponding input pin was the source of the interrupt. A logic 0
indicates that the input pin is not the source of an interrupt.
When a corresponding bit in the interrupt mask register is set to 1 (masked), the interrupt
status bit will return logic 0. A register pair write is described in Section 7.1 and a register
pair read is described in Section 7.2.
6.2.12 Output port configuration register (4Fh)
The output port configuration register selects port-wise push-pull or open-drain I/O stage.
A logic 0 configures the I/O as push-pull (Q1 and Q2 are active, see Figure 6). A logic 1
configures the I/O as open-drain (Q1 is disabled, Q2 is active) and the recommended
command sequence to program this register (4Fh) before the configuration registers (06h,
07h) sets the port pins as outputs.
ODEN0 configures Port 0_x and ODEN1 configures Port 1_x.
Table 25.
Interrupt status port 0 register (address 4Ch) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
S0.7
S0.6
S0.5
S0.4
S0.3
S0.2
S0.1
S0.0
Default
00
00
00
00
Table 26.
Interrupt status port 1 register (address 4Dh) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
S1.7
S1.6
S1.5
S1.4
S1.3
S1.2
S1.1
S1.0
Default
00
00
00
00
Table 27.
Output port configuration register (address 4Fh)
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
ODEN1
ODEN0
Default
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com