Electronic Components Datasheet Search
  English  ▼

X  

PCAL9539APW Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCAL9539APW
Description  Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9539APW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCAL9539APW Datasheet HTML 10Page - NXP Semiconductors PCAL9539APW Datasheet HTML 11Page - NXP Semiconductors PCAL9539APW Datasheet HTML 12Page - NXP Semiconductors PCAL9539APW Datasheet HTML 13Page - NXP Semiconductors PCAL9539APW Datasheet HTML 14Page - NXP Semiconductors PCAL9539APW Datasheet HTML 15Page - NXP Semiconductors PCAL9539APW Datasheet HTML 16Page - NXP Semiconductors PCAL9539APW Datasheet HTML 17Page - NXP Semiconductors PCAL9539APW Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
PCAL9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
14 of 48
NXP Semiconductors
PCAL9539A
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.4 Power-on reset
When power (from 0 V) is applied to VDD, an internal power-on reset holds the
PCAL9539A in a reset condition until VDD has reached VPOR. At that time, the reset
condition is released and the PCAL9539A registers and I2C-bus/SMBus state machine
initializes to their default states. After that, VDD must be lowered to below VPORF and back
up to the operating voltage for a power-reset cycle. See Section 8.3 “Power-on reset
requirements”.
6.5 RESET input
The RESET input can be asserted to initialize the system while keeping the VDD at its
operating level. A reset can be accomplished by holding the RESET pin LOW for a
minimum of tw(rst). The PCAL9539A registers and I2C-bus/SMBus state machine are
changed to their default state once RESET is LOW (0). When RESET is HIGH (1), the I/O
levels at the ports can be changed externally or through the master. This input requires a
pull-up resistor to VDD if no active connection is used.
6.6 Interrupt output
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode.
After time tv(INT), the signal INT is valid. The interrupt is reset when data on the port
changes back to the original value or when data is read form the port that generated the
interrupt (see Figure 10). Resetting occurs in the Read mode at the acknowledge (ACK)
or not acknowledge (NACK) bit after the rising edge of the SCL signal. Interrupts that
occur during the ACK or NACK clock pulse can be lost (or be very short) due to the
resetting of the interrupt during this pulse. Any change of the I/Os after resetting is
detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output
to an input may cause a false interrupt to occur, if the state of the pin does not match the
contents of the Input Port register.
The INT output has an open-drain structure and requires pull-up resistor to VDD.
When using the input latch feature, the input pin state is latched. The interrupt is reset only
when data is read from the port that generated the interrupt. The reset occurs in the Read
mode at the acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of
the SCL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com