Electronic Components Datasheet Search
  English  ▼

X  

DRV8313 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8313 Datasheet HTML 2Page - Texas Instruments DRV8313 Datasheet HTML 3Page - Texas Instruments DRV8313 Datasheet HTML 4Page - Texas Instruments DRV8313 Datasheet HTML 5Page - Texas Instruments DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments DRV8313 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
INx = 1, Resistive Load to GND
T0543-01
50%
80%
20%
80%
20%
tf
tr
OUTx
50%
50%
50%
t1
t2
ENx
OUTx
INx = 0, Resistive Load to VM
50%
50%
50%
50%
t3
t4
ENx
OUTx
ENx = 1, Resistive Load to GND
50%
50%
50%
50%
t5
t6
INx
OUTx
DRV8313
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
SWITCHING CHARACTERISTICS
(1)
TA = 25°, VM = 24 V, RL = 20 Ω
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
t1
Delay time, ENx high to OUTx high, INx = 1
130
330
ns
2
t2
Delay time, ENx low to OUTx low, INx = 1
275
475
ns
3
t3
Delay time, ENx high to OUTx low, INx = 0
100
300
ns
4
t4
Delay time, ENx low to OUTx high, INx = 0
200
400
ns
5
t5
Delay time, INx high to OUTx high
300
500
ns
6
t6
Delay time, INx low to OUTx low
275
475
ns
7
tr
Output rise time, resistive load to GND
30
150
ns
8
tf
Output fall time, resistive load to GND
30
150
ns
(1)
Not production tested
Figure 1. DRV8313 Switching Characteristics
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV8313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com