Electronic Components Datasheet Search
  English  ▼

X  

DRV8313 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8313 Datasheet HTML 1Page - Texas Instruments DRV8313 Datasheet HTML 2Page - Texas Instruments DRV8313 Datasheet HTML 3Page - Texas Instruments DRV8313 Datasheet HTML 4Page - Texas Instruments DRV8313 Datasheet HTML 5Page - Texas Instruments DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Charge
Pump
Thermal
Shutdown
GND2
GND1
0.01 μF
VM
VM
HS Gate
Drive
V
M
V
M
Internal
Reference
and
Regs
Int. VCC
Control
Logic
VM
VM
LS Gate
Drive
VM
OUT2
Predriver
+
10 μF
GND3
V3P3OUT
0.1 μF
Predriver
Predriver
OCP
VM
OCP
VM
OCP
B0480-01
EN1
IN2
IN3
EN3
FAULT
RESET
IN1
SLEEP
EN2
COMPN
COMPO
COMPP
OUT1
CP 1
CP 2
VCP
OUT3
Optional
Optional
Optional
PGND3
PGND2
PGND1
DRV8313
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV8313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com