Electronic Components Datasheet Search
  English  ▼

X  

DRV8313 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8313 Datasheet HTML 5Page - Texas Instruments DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments DRV8313 Datasheet HTML 10Page - Texas Instruments DRV8313 Datasheet HTML 11Page - Texas Instruments DRV8313 Datasheet HTML 12Page - Texas Instruments DRV8313 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2
DS(on)
OUT
P
r
(I
)
=
´
DRV8313
www.ti.com
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
UNDERVOLTAGE LOCKOUT (UVLO)
If at any time the voltage on the VM pins falls below the undervoltage-lockout threshold voltage, the device
disables all outputs, resets internal logic, and drives the nFAULT pin low. Operation resumes when VM rises
above the UVLO threshold.
THERMAL INFORMATION
Thermal Protection
The DRV8313 has thermal shutdown (TSD) as previously described. A die temperature in excess of
approximately 150°C disables the device until the temperature drops to a safe level.
Any tendency of the device to enter thermal shutdown is an indication of excessive power dissipation, insufficient
heatsinking, or too high an ambient temperature.
Power Dissipation
The power dissipated in the output FET resistance, or rDS(on) dominates power dissipation in the DRV8313. A
rough estimate of average power dissipation of each half-H-bridge when running a static load is:
(1)
where P is the power dissipation of one H-bridge, rDS(on) is the resistance of each FET, and IOUT is equal to the
average current drawn by the load. Note that at start-up and fault conditions, this current is much higher than
normal running current; remember to take these peak currents and their duration into consideration.
The total device dissipation is the power dissipated in each of the three half-H-bridges added together.
The maximum amount of power that the device can dissipate depends on ambient temperature and heatsinking.
Note that rDS(on) increases with temperature, so as the device heats, the power dissipation increases. Take this
into consideration when sizing the heatsink.
Heatsinking
The PowerPAD package uses an exposed pad to remove heat from the device. For proper operation, this pad
must be thermally connected to copper on the PCB to dissipate heat. On a multi-layer PCB with a ground plane,
add a number of vias to connect the thermal pad to the ground plane to accomplish this. On PCBs without
internal planes, add copper area on either side of the PCB to dissipate heat. If the copper area is on the opposite
side of the PCB from the device, use thermal vias to transfer the heat between the top and bottom layers.
For details about how to design the PCB, see TI Application Report SLMA002, PowerPAD Thermally Enhanced
Package and TI Application Brief SLMA004, PowerPAD Made Easy, available at www.ti.com.
In general, providing more copper area allows the dissipation of more power.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com