Electronic Components Datasheet Search
  English  ▼

X  

DRV8313 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8313 Datasheet HTML 1Page - Texas Instruments DRV8313 Datasheet HTML 2Page - Texas Instruments DRV8313 Datasheet HTML 3Page - Texas Instruments DRV8313 Datasheet HTML 4Page - Texas Instruments DRV8313 Datasheet HTML 5Page - Texas Instruments DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
5
6
7
8
9
11
13
10
12
14
Thermal
Pad
(GND)
28
27
26
25
24
23
22
21
20
18
16
19
17
15
PWP Package
(Top View)
P0146-01
CP1
CP2
VCP
VM
COMPN
VM
OUT1
PGND1
PGND2
OUT2
OUT3
PGND3
COMPP
GND
GND
GND
IN1
EN1
IN2
EN2
IN3
EN3
NC
COMPO
FAULT
SLEEP
RESET
V3P3OUT
DRV8313
www.ti.com
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
PIN DESCRIPTIONS
PIN
TYPE
DESCRIPTION
EXTERNAL COMPONENTS OR CONNECTIONS
NAME
NO.
Power and Ground
CP1
1
IO
Charge-pump flying capacitor
Connect a 0.01-
μF 100-V capacitor between CP1 and CP2.
CP2
2
IO
Charge-pump flying capacitor
12, 20, 28,
GND
–
Device ground
Connect to system ground
PPAD
Bypass to GND with a 0.47-
μF 6.3-V ceramic capacitor. Use
V3P3OUT
15
O
3.3-V regulator output
for suppling external loads is permissible.
VCP
3
IO
High-side gate drive voltage
Connect a 0.1-
μF 16-V ceramic capacitor to VM.
Connect to power supply (8.2 V–60 V). Connect both pins to
VM
4, 11
–
Main power supply
the same supply. Bypass to GND with a 10-µF (minimum)
capacitor.
Control
EN1
26
I
Channel 1 enable
Logic high enables OUT1. Internal pulldown
EN2
24
I
Channel 2 enable
Logic high enables OUT2. Internal pulldown
EN3
22
I
Channel 3 enable
Logic high enables OUT3. Internal pulldown
IN1
27
I
Channel 1 input
Logic input controls state of OUT1. Internal pulldown
IN2
25
I
Channel 2 input
Logic input controls state of OUT2. Internal pulldown
IN3
23
I
Channel 3 input
Logic input controls state of OUT3. Internal pulldown
Active-low reset input initializes internal logic and disables the
nRESET
16
I
Reset input
outputs. Internal pulldown
Logic high to enable device, logic low to enter low-power sleep
nSLEEP
17
I
Sleep-mode input
mode. Internal pulldown
Status
Logic low when in fault condition (overtemperature,
nFAULT
18
OD
Fault
overcurrent, UVLO)
Comparator
COMPN
13
I
Comparator negative input
Negative input of comparator
COMPP
12
I
Comparator positive input
Positive input of comparator
nCOMPO
19
OD
Comparator out
Output of comparator. Open-drain output
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com