Electronic Components Datasheet Search
  English  ▼

X  

AD7769 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7769 Datasheet HTML 5Page - Analog Devices AD7769 Datasheet HTML 6Page - Analog Devices AD7769 Datasheet HTML 7Page - Analog Devices AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices AD7769 Datasheet HTML 10Page - Analog Devices AD7769 Datasheet HTML 11Page - Analog Devices AD7769 Datasheet HTML 12Page - Analog Devices AD7769 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7769
–9–
REV. A
Figure 8. Operating Waveforms Using External Clock
Following the “hold” on the analog input, the MSB decision is
made approximately 50 ns after the next falling edge of the in-
put CLK. The succeeding bit decisions are made approxi-
mately 50 ns after a CLK edge until conversion is complete. At
the end of conversion, the
INT line goes low 100 ns (typically)
after the LSB decision and the SAR contents are transferred to
the output latch. The SAR is then reset in readiness for a new
conversion.
Track-and-Hold
The track-and-hold (T/H) amplifier on the analog input to the
ADC of the AD7769 allows the ADC to accurately convert an
input sine wave of 5 V peak-to-peak amplitude up to a fre-
quency of 200 kHz, the Nyquist frequency of the ADC when
operated at its maximum throughput rate of 400 kHz. This
maximum rate of conversion includes conversion time and time
between conversions. Because the input bandwidth of the track-
and-hold is much greater than 200 kHz, the input signal should
be band limited to avoid folding unwanted signals into the band
of interest.
DAC Outputs
The D/A converter outputs are buffered with on-board, high
speed op amps that are capable of driving 5 k
Ω and 100 pF
loads to AGND (DAC). Each output amplifier settles to within
1/2 LSB of its final output value in typically less than 2.5
µs.
See Figures 9 and 10 for waveforms of the typical output set-
tling time performance.
The output noise from the amplifiers with full scale on the
DACs is typically 200
µV peak-to-peak.
Figure 9. Positive-Going Settling Time
Figure 10. Negative-Going Settling Time
Internal / External Clock Operation
The AD7769 can be operated on either its own internal clock or
with an externally applied clock signal. For internal clock opera-
tion the CLK input must be tied to VDD. No external compo-
nents are required. The internal clock typically runs at 5 MHz
giving a typical conversion time of 2.5
µs. For external clock op-
eration the CLK input must be driven with a TTL/ HCMOS
compatible input. The mark/space ratio of the clock signal can
vary from 30/70 to 70/30. For an input frequency of 5 MHz, the
conversion time is 2.5
µs.
Digital Inputs and Outputs
The AD7769 communicates over a standard, 8-bit microproces-
sor data bus and is controlled by standard mpu control lines,
CS, WR, RD, INT, plus two address lines, ADC/DAC and
CHA/CHB, which select the DAC or ADC function and Chan-
nel A or Channel B input/output channel. The Chip Select (
CS)
line selects the device, Write (
WR) is used to initiate ADC con-
versions or to write data to the DAC, depending on the state of
ADC/DAC. INT is a status flag that indicates completion of a
conversion, while
RD is used to read ADC output data. The
8-bit data port (DB0–DB7) is a bidirectional port into which
data can be written to the two DAC registers, and from which
data can be read from the ADC register. ADC output data may
also be written directly into either of the DAC registers.
These logical operations are detailed in Table I and in the time
ing diagrams, Figures 11 to 13. Figures 12 and 13 show the
fairly straightforward operations of reading ADC data and writ-
ing data to the DACs, and need little explanation. Figure 11
shows the timing for ADC channel selection and conversion
start. This is more complicated as the state of the data outputs
during a conversion depends on
CS and RD.
To initiate a conversion (or any other operation) the device
must be selected by taking
CS low. A conversion is started by
taking
WR low, then high again (conversion starts on rising edge
of
WR). There are three possibilities for the state of the data
outputs during the conversion.
1. If
RD is held high, the data outputs will be high impedance
throughout the conversion.
2. If
RD and CS are both held low until after INT goes low,
then DB0–DB7 will initially output data from the last con-
version. After
INT goes low the new conversion data will
appear on DB0–DB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com