Electronic Components Datasheet Search
  English  ▼

X  

AD7769 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices AD7769 Datasheet HTML 10Page - Analog Devices AD7769 Datasheet HTML 11Page - Analog Devices AD7769 Datasheet HTML 12Page - Analog Devices AD7769 Datasheet HTML 13Page - Analog Devices AD7769 Datasheet HTML 14Page - Analog Devices AD7769 Datasheet HTML 15Page - Analog Devices AD7769 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7769
–16–
REV. A
Figure 31. Multichannel Inputs
Multichannel Expansion
In some applications, more than two analog input channels are
required to be converted by the ADC. Figure 31 shows a circuit
configuration for such an application. The ADG528A is a
latched, B-channel analog multiplexer that is ideally suited for
this application since it is specified for single supply operation
(+12 V
±10%).
The
CS, ADC/DAC and WR inputs of the AD7769 are gated to
drive the
WR input of the ADG528A. The multiplexer input
signal is selected on the falling edge of the
WR pulse while the
signal is latched on the rising edge. Also, on the rising edge of
WR, the AD7769 ADC starts conversion. Therefore, the output
signal of the multiplexer must have settled to within 8-bits over
the duration of the
WR pulse (see ADC Conversion Cycle sec-
tion for details). The tON (WR) and settling time of the
ADG528A thus determines the width of the
WR pulse.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Plastic DIP
(N-28)
28-Lead Plastic Leaded Chip Carrier
(P-28A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com