Electronic Components Datasheet Search
  English  ▼

X  

AD7769 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7769 Datasheet HTML 6Page - Analog Devices AD7769 Datasheet HTML 7Page - Analog Devices AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices AD7769 Datasheet HTML 10Page - Analog Devices AD7769 Datasheet HTML 11Page - Analog Devices AD7769 Datasheet HTML 12Page - Analog Devices AD7769 Datasheet HTML 13Page - Analog Devices AD7769 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7769
–10–
REV. A
3. If
RD is held low but CS is taken high during the conversion,
the device will be de-selected and DB0–DB7 will revert to
their high impedance state. This will not affect completion of
the conversion, but the data cannot be read, or any other
operation performed, until
CS is taken low again.
4. Note that the state of
RD should not be changed during a
conversion.
Figure 11. Timing for ADC Channel Select and Conversion
Start
Figure 12. Timing for ADC Data Read
Figure 13. Timing for DAC Channel Select and Data Write
DIGITAL SIGNAL PROCESSING APPLICATIONS
In Digital Signal Processing (DSP) application areas like voice
recognition, echo cancellation and adaptive filtering, the dy-
namic characteristics (SNR, Harmonic Distortion, Intermodula-
tion Distortion) of both the ADC and DACs are critical. The
AD7769 is specified dynamically as well as with standard dc
specifications. Because the track/hold amplifier has a wide band-
width, an antialiasing filter should be placed on the VINA and
VINB inputs to avoid aliasing of high frequency noise back into
the bands of interest.
The dynamic performance of the ADC is evaluated by applying
a sine wave signal of very low distortion to the VINA or VINB
input which is sampled at a 409.6 kHz sampling rate. A Fast
Fourier Transform (FFT) plot or Histogram plot is then gener-
ated from which SNR, harmonic distortion and dynamic differ-
ential nonlinearity data can be obtained. For the DACs, the
codes for an ideal sine wave are stored in PROM and loaded
down to the DAC. The output spectrum is analyzed, using a
spectrum analyzer to evaluate SNR and harmonic distortion
performance. Similarly, for intermodulation distortion, an input
(either to VIN or DAC code) consisting of pure sine waves at
two frequencies is applied to the AD7769.
Figure 14 shows a 2048 point FFT plot of the ADC with an in-
put signal of 130 kHz. The SNR is 49.2 dB. It can be seen that
most of the harmonics are buried in the noise floor. It should be
noted that the harmonics are taken into account when calculat-
ing the SNR. The relationship between SNR and resolution (N)
is expressed by the following equation:
SNR = (6.02N + 1.76) dB
Figure 14. ADC FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com