Electronic Components Datasheet Search
  English  ▼

X  

AD7769 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices AD7769 Datasheet HTML 10Page - Analog Devices AD7769 Datasheet HTML 11Page - Analog Devices AD7769 Datasheet HTML 12Page - Analog Devices AD7769 Datasheet HTML 13Page - Analog Devices AD7769 Datasheet HTML 14Page - Analog Devices AD7769 Datasheet HTML 15Page - Analog Devices AD7769 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7769
–15–
REV. A
Figure 28. Generating a Software Programmable VSWING
(DAC)
For example, with a fixed input swing voltage of 2.5 V, the pro-
grammable span via DAC B is as follows:
DB = 0:
VSWING (DAC) = 2.08
DB = 1/2: VSWING (DAC) = 2.5 V = VSWING
DB ≈ 1:
VSWING (DAC) = 3.125 V
The AD7769 is specified for a VSWING (DAC) voltage range
from 2 V to 3 V, although in practice this range can be extended
while still maintaining monotonic operation.
Closed Loop Microstepping
Microstepping is a popular technique in low density disk drives
(both floppy and hard disk) that allows higher positional resolu-
tion of the disk drive head over that obtainable from a full-step
driven stepper motor. Typically, a two-phase stepper motor has
its phase currents driven with a sine-cosine relationship. These
cosinusoidal signals are generated by two DACs driven with the
appropriate data. The resolution of the DACs determines the
number of microsteps into which each full step can be divided.
For example, with a 1.8
° full-step motor and a 4-bit DAC, a
microstep size of 0.11
° (1.8°/2n) is obtainable.
The microstepping technique improves the positioning resolu-
tion possible in any control application. However, the positional
accuracy can be significantly worse than that offered by the orig-
inal full-step accuracy specification due to load torque effects.
To ensure that the increased resolution is usable, it is therefore
necessary to use a closed-loop system where the position of the
disk drive head (or motor) is monitored. The closed-loop system
allows an error between the desired position and the actual posi-
tion to be monitored and corrected. The correction is achieved
by adjusting the ratio of the phase currents in the motor wind-
ings until the required head position is reached.
The AD7769 is ideally suited for the closed-loop microstepping
technique with its dual DACs for positioning the disk drive
head and dual channel ADC for monitoring the position of the
head. A typical circuit for a closed-loop microstepping system is
shown in Figure 29. The DAC waveforms are shown in Figure
30 along with the direction information of clockwise rotation
supplied by the controller.
Figure 29. Typical Closed-Loop Microstepping Circuit
with the AD7769
Figure 30. Typical Control Waveforms for the Microstep-
ping Circuit of Figure 29
A typical transducer would be a moire-fringe transducer which
consists of two gratings, one fixed and one moveable. The rela-
tive positions of these two gratings will modulate the amount of
light from a LED which can pass through. In order to derive
head direction information the stationary grating has two sets of
bars, with a 90
° phase relationship, and two photo-transistors.
The quadrature sinusoidal output waveforms (N & Q) can be
converted directly by the AD7769.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com