Electronic Components Datasheet Search
  English  ▼

X  

AD7804 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7804
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7804 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7804 Datasheet HTML 10Page - Analog Devices AD7804 Datasheet HTML 11Page - Analog Devices AD7804 Datasheet HTML 12Page - Analog Devices AD7804 Datasheet HTML 13Page - Analog Devices AD7804 Datasheet HTML 14Page - Analog Devices AD7804 Datasheet HTML 15Page - Analog Devices AD7804 Datasheet HTML 16Page - Analog Devices AD7804 Datasheet HTML 17Page - Analog Devices AD7804 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
REV. A
–14–
Table IVb. AD7809 DAC Data/Control Register
Selection Table
MODE
A2
A1
A0
Function Selected
0
0
0
0
DAC A Control Register
0
0
0
1
DAC B Control Register
0
0
1
0
DAC C Control Register
0
0
1
1
DAC D Control Register
0
1
0
0
DAC E Control Register
0
1
0
1
DAC F Control Register
0
1
1
0
DAC G Control Register
0
1
1
1
DAC H Control Register
1
0
0
0
DAC A Data Register
1
0
0
1
DAC B Data Register
1
0
1
0
DAC C Data Register
1
0
1
1
DAC D Data Register
1
1
0
0
DAC E Data Register
1
1
0
1
DAC F Data Register
1
1
1
0
DAC G Data Register
1
1
1
1
DAC H Data Register
AD7805/AD7809 SYSTEM OR CHANNEL CONTROL
REGISTER SELECTION
MD0
0
This enables writing to the system control register.
The contents of this are shown in Figure 12. Mode
must be low to access this control register.
1
This enables writing to the channel control register.
The contents of this are shown in Figure 13. Mode
must also be low to access this control register.
AD7805/AD7809 SYSTEM CONTROL REGISTER
The bits in this register allow control over all DACs in the pack-
age. The control bits include data format (
10/8), power down
(
PD), DAC input coding select (BIN/COMP), system standby
(SSTBY) and a system clear (SCLR). The function of these bits
is as follows:
Data Format
10/8
0
10-bit parallel loading structure.
1
Byte loading structure. (8+2 loading).
Input Coding
BIN/
COMP
0
Twos complement coding.
1
Offset Binary Coding.
Power Down
PD
0
Complete power-down of device.
1
Normal operation (default on power-up).
System Standby
SSTBY
0
Normal operation.
1
All DACs in the package put in standby mode (default
on power-up).
System Clear
SCLR
0
Normal operation.
1
All DACs in the package are cleared to a known state
depending on the coding scheme selected. The SCLR bit
clears the Main DACs only; the Sub DACs are unaf-
fected by the system clear function. The main DAC is
cleared to different levels depending on the coding
scheme. With offset binary coding the Main DAC output
is cleared to the bottom of the transfer function VBIAS/16.
With twos complement coding the Main DAC output is
cleared to midscale VBIAS. The channel output will be the
sum of the Main DAC and Sub DAC contributions.
AD7805/AD7809 CHANNEL CONTROL REGISTER
This register allows the user to have control over individual
DACs in the package. The control bits in this register include
multiplexer output selection (MX1 and MX0), Main or Sub
DAC selection (
MAIN/SUB), standby (STBY) and individual
DAC clear (CLR). The function of these bits is as follows.
Multiplexer Selection (MX1, MX0)
Table V shows the VBIAS selection using MX1 and MX0 bits in
the channel control register.
Table V. VBIAS Selection Table
MX1
MX0
VBIAS
00
VDD/2 (Default on Power-Up)
0
1
INTERNAL VREF
1
0
REFIN
1
1
Undetermined
Main DAC or Sub DAC Selection
MAIN/SUB
0
Writing a 0 to this bit means that the data in the next
data register write is transferred to the selected Main
DAC.
1
Writing a 1 to this bit means that the data in the next
data register write is transferred to the selected Sub DAC.
This applies to the 10-bit parallel load feature. In byte
load mode, (Figure 15) DB0 selects the Main or Sub
DAC data registers.
Standby
STBY
0
Places the selected DAC and its associated linear cir-
cuitry in Standby Mode.
1
Normal operation (default on power-up).
Clear
CLR
0
Normal operation.
1
Clears the output of the selected Main DAC to one
of two conditions depending on the input coding se-
lected. With offset binary coding the Main DAC out-
put is cleared to the bottom of the transfer function,
VBIAS/16 and with twos complement coding the Main
DAC output is cleared to midscale VBIAS. The Sub
DAC is unaffected by a clear operation. An
LDAC
signal has to be applied to the DAC for a channel clear
to be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com