Electronic Components Datasheet Search
  English  ▼

X  

AD7804 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7804
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7804 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7804 Datasheet HTML 20Page - Analog Devices AD7804 Datasheet HTML 21Page - Analog Devices AD7804 Datasheet HTML 22Page - Analog Devices AD7804 Datasheet HTML 23Page - Analog Devices AD7804 Datasheet HTML 24Page - Analog Devices AD7804 Datasheet HTML 25Page - Analog Devices AD7804 Datasheet HTML 26Page - Analog Devices AD7804 Datasheet HTML 27Page - Analog Devices AD7804 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
REV. A
–28–
Plastic DIP (N-24)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.203)
0.195 (4.95)
0.115 (2.93)
PIN 1
0.280 (7.11)
0.240 (6.10)
24
1
13
12
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.100 (2.54)
BSC
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.130
(3.30)
MIN
1.275 (32.30)
1.125 (28.60)
0.015
(0.38)
MIN
0.160 (4.06)
0.115 (2.92)
SOIC (R-24)
24
13
12
1
0.614 (15.6)
0.598 (15.2)
0.299 (7.6)
0.291 (7.4)
PIN 1
0.419 (10.65)
0.394 (10.00)
SEATING
PLANE
0.012 (0.3)
0.004 (0.1)
0.019 (0.49)
0.014 (0.35)
0.104 (2.65)
0.093 (2.35)
0.0500 (1.27)
BSC
8
0
0.0500 (1.27)
0.0157 (0.40)
0.03 (0.75)
0.01 (0.25)
0.013 (0.32)
0.009 (0.25)
TQFP (ST-44B)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.018 (0.45)
0.012 (0.30)
0.031 (0.80)
BSC
0.394
(10.0)
SQ
0.472 (12.00) SQ
0.04134 (1.05)
0.0374 (0.95)
0.006 (0.15)
0.002 (0.05)
SEATING
PLANE
0.047 (1.20)
MAX
0.030 (0.75)
0.018 (0.45)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com