Electronic Components Datasheet Search
  English  ▼

X  

AD7804 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7804
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7804 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7804 Datasheet HTML 19Page - Analog Devices AD7804 Datasheet HTML 20Page - Analog Devices AD7804 Datasheet HTML 21Page - Analog Devices AD7804 Datasheet HTML 22Page - Analog Devices AD7804 Datasheet HTML 23Page - Analog Devices AD7804 Datasheet HTML 24Page - Analog Devices AD7804 Datasheet HTML 25Page - Analog Devices AD7804 Datasheet HTML 26Page - Analog Devices AD7804 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
–23–
REV. A
AD7805/AD7809–ADSP-2101 Interface
Figure 38 shows a parallel interface between the AD7805/AD7809
and the ADSP-2101/ADSP-2103 digital signal processor.
Fast interface timing allows the AD7805/AD7809 interface
directly to the DSP. In this interface an external timer is used to
update the DACs.
DATA BUS
A0
A1
CS
LDAC
WR
DMD0
DMD15
ADSP-2101*/
ADSP-2103*
TIMER
MODE
ADDR
DECODE
ADDRESS BUS
DMA0
DMA14
DMS
EN
WR
DB0
DB9
**ADDITIONAL PINS OMITTED FOR CLARITY
**A2 CONTAINED ON THE AD7809 ONLY
AD7805*/
AD7809
A2**
Figure 38. AD7805/AD7809–ADSP-2101/ADSP-2103
Interface
Data is loaded to the AD7805/AD7809 input register using the
following instruction:
DM(DAC) = MR0,
MR0 = ADSP-2101 MR0 Register.
DAC = Decoded DAC Address.
AD7805/AD7809–TMS32020 Interface
Figure 39 shows a parallel interface between the AD7805/AD7809
and the TMS32020 processor.
ADDR
DECODE
DATA BUS
ADDRESS BUS
A0 A1
CS
DB0
DB9
LDAC
A0
A15
IS
EN
D0
D15
TMS32020
WR
STRB
R/
W
**ADDITIONAL PINS OMITTED FOR CLARITY
**A2 CONTAINED ON THE AD7809 ONLY
AD7805*/
AD7809
A2**
Figure 39. AD7805/AD7809–TMS32020 Interface
Again fast interface timing allows the AD7805/AD7809 inter-
face directly to the processor. Data is loaded to the AD7805/
AD7809 input latch using the following instruction:
OUT DAC, D.
DAC = Decoded DAC Address.
D = Data Memory Address.
Certain applications may require that the updating of the DAC
latch be controlled by the microprocessor rather than the exter-
nal timer. One option as shown in the TMS32020 interface is to
decode the
LDAC from the address bus so that a write opera-
tion to the DAC latch (at a separate address to the input latch)
updates the output.
AD7805/AD7809–8051/8088 Interface
Figure 40 shows a parallel interface between the AD7805/
AD7809 and the 8051/8088 processors.
ADDRESS/DATA BUS
OCTAL
LATCH
MODE
WR
ALE
8051/8088
**ADDITIONAL PINS OMITTED FOR CLARITY
**A2 CONTAINED ON THE AD7809 ONLY
ADDR
DECODE
ADDRESS BUS
A0
A1
CS
AD7805*/
AD7809
A8
A15
PSEN OR DEN
EN
LDAC
WR
AD7
AD0
A2**
DB0
DB9
Figure 40. AD7805/AD7809–8051/8088 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com