Electronic Components Datasheet Search
  English  ▼

X  

AD7816 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7816
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7816 Datasheet(HTML) 5 Page - Analog Devices

  AD7816 Datasheet HTML 1Page - Analog Devices AD7816 Datasheet HTML 2Page - Analog Devices AD7816 Datasheet HTML 3Page - Analog Devices AD7816 Datasheet HTML 4Page - Analog Devices AD7816 Datasheet HTML 5Page - Analog Devices AD7816 Datasheet HTML 6Page - Analog Devices AD7816 Datasheet HTML 7Page - Analog Devices AD7816 Datasheet HTML 8Page - Analog Devices AD7816 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. C
AD7816/AD7817/AD7818
–5–
TIMING CHARACTERISTICS1, 2
Parameter
A, B Versions
Unit
Test Conditions/Comments
tPOWER-UP
2
µs max
Power-Up Time from Rising Edge of
CONVST
t1a
9
µs max
Conversion Time Channels 1 to 4
t1b
27
µs max
Conversion Time Temperature Sensor
t2
20
ns min
CONVST Pulse Width
t3
50
ns max
CONVST Falling Edge to BUSY Rising Edge
t4
0
ns min
CS Falling Edge to RD/WR Falling Edge Setup Time
t5
0
ns min
RD/
WR Falling Edge to SCLK Falling Edge Setup
t6
10
ns min
DIN Setup Time before SCLK Rising Edge
t7
10
ns min
DIN Hold Time after SCLK Rising Edge
t8
40
ns min
SCLK Low Pulse Width
t9
40
ns min
SCLK High Pulse Width
t10
0
ns min
CS Falling Edge to RD/WR Rising Edge Setup Time
t11
0
ns min
RD/
WR Rising Edge to SCLK Falling Edge Setup Time
t12
3
20
ns max
DOUT Access Time after RD/WR Rising Edge
t13
3
20
ns max
DOUT Access Time after SCLK Falling Edge
t14a
3, 4
30
ns max
DOUT Bus Relinquish Time after Falling Edge of RD/WR
t14b
3, 4
30
ns max
DOUT Bus Relinquish Time after Rising Edge of CS
t15
150
ns max
BUSY Falling Edge to OTI Falling Edge
t16
40
ns min
RD/
WR Rising Edge to OTI Rising Edge
t17
400
ns min
SCLK Rising Edge to
CONVST Falling Edge (Acquisition Time of T/H)
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter. All input signals are measured with tr = tf = 1 ns (10% to
90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 16, 17, 20 and 21.
3These figures are measured with the load circuit of Figure 3. They are defined as the time required for D
OUT to cross 0.8 V or 2.4 V for VDD = 5 V
10% and 0.4 V
or 2 V for VDD = 3 V
10%, as quoted on the specifications page of this data sheet.
4These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 3. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
Specifications subject to change without notice.
1.6V
IOL
200 A
200 A
IOL
TO
OUTPUT
PIN
CL
50pF
Figure 3. Load Circuit for Access Time and Bus Relinquish Time
(VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.5 V. All specifications TMIN to TMAX unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com