Electronic Components Datasheet Search
  English  ▼

X  

AD7816 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7816
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7816 Datasheet(HTML) 4 Page - Analog Devices

  AD7816 Datasheet HTML 1Page - Analog Devices AD7816 Datasheet HTML 2Page - Analog Devices AD7816 Datasheet HTML 3Page - Analog Devices AD7816 Datasheet HTML 4Page - Analog Devices AD7816 Datasheet HTML 5Page - Analog Devices AD7816 Datasheet HTML 6Page - Analog Devices AD7816 Datasheet HTML 7Page - Analog Devices AD7816 Datasheet HTML 8Page - Analog Devices AD7816 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. C
–4–
AD7816/AD7817/AD7818–SPECIFICATIONS
Parameter
A Version
*B Version
*S Version
Unit
Test Conditions/Comments
ANALOG INPUTS
7
(AD7817 and AD7818)
Input Voltage Range
VREF
VREF
VREF
V max
0
00V min
Input Leakage
1
1
1
µA min
Input Capacitance
10
10
10
pF max
LOGIC INPUTS
4
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V
10%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
10%
Input High Voltage, VINH
2
22V min
VDD = 3 V
10%
Input Low Voltage, VINL
0.4
0.4
0.4
V max
VDD = 3 V
10%
Input Current, IIN
3
3
3
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
10
10
pF max
LOGIC OUTPUTS
4
Output High Voltage, VOH
ISOURCE = 200
µA
4
44V min
VDD = 5 V
10%
2.4
2.4
2.4
V min
VDD = 3 V
10%
Output Low Voltage, VOL
ISINK = 200
µA
0.4
0.4
0.4
V max
VDD = 5 V
10%
0.2
0.2
0.2
V max
VDD = 3 V
10%
High Impedance Leakage Current
1
1
1
µA max
High Impedance Capacitance
15
15
15
pF max
NOTES
*B and S Versions apply to AD7817 only. For operating temperature ranges, see Ordering Guide.
1AD7816 and AD7817 temperature sensors specified with external 2.5 V reference, AD7818 specified with on-chip reference. All other specifications with external
and on-chip reference (2.5 V). For VDD = 2.7 V, TA = 85
°C max and temperature sensor measurement error = 3°C.
2See Terminology.
3The accuracy of the temperature sensor is affected by reference tolerance. The relationship between the two is explained in the section titled Temperature Measure-
ment Error Due to Reference Error.
4Sample tested during initial release and after any redesign or process change that may affect this parameter.
5On-chip reference shuts down when external reference is applied.
6All specifications are typical for AD7818 at temperatures above 85
°C and with V
DD greater than 3.6 V.
7Refers to the input current when the part is not converting. Primarily due to reverse leakage current in the ESD protection diodes.
Specifications subject to change without notice.
CHARGE
REDISTRIBUTION
DAC
CLOCK
DATA
OUT
DIN/OUT
SCLK
RD/
WR
CONVST
AGND
CONTROL
REG
A
B
OVERTEMP
REG
A > B
OTI
CONTROL
LOGIC
VBALANCE
SAMPLING
CAPACITOR
MUX
REF
2.5V
TEMP
SENSOR
REFIN
VDD
AD7816
Figure 1. AD7816 Functional Block Diagram
CHARGE
REDISTRIBUTION
DAC
CLOCK
GENERATOR
DATA
OUT
DIN/OUT
SCLK
RD/
WR
CONVST
AGND
CONTROL
REG
A
B
OVERTEMP
REG
A > B
OTI
CONTROL
LOGIC
VBALANCE
SAMPLING
CAPACITOR
MUX
REF
2.5V
TEMP
SENSOR
VDD
VIN1
AD7818
Figure 2. AD7818 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com