Electronic Components Datasheet Search
  English  ▼

X  

AD7816 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7816
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7816 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7816 Datasheet HTML 10Page - Analog Devices AD7816 Datasheet HTML 11Page - Analog Devices AD7816 Datasheet HTML 12Page - Analog Devices AD7816 Datasheet HTML 13Page - Analog Devices AD7816 Datasheet HTML 14Page - Analog Devices AD7816 Datasheet HTML 15Page - Analog Devices AD7816 Datasheet HTML 16Page - Analog Devices AD7816 Datasheet HTML 17Page - Analog Devices AD7816 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. C
–14–
AD7816/AD7817/AD7818
DB7 – DB0
DB7(DB9) – DB0
DOUT
CONVST
SCLK
BUSY
CS
RD/
WR
DIN
OTI
t2
t1
t17
t15
t16
t3
Figure 16. Mode 1 Operation
TIME – secs
0.8
–0.01
016
46
10
12
0.5
0.2
0.7
0.4
0.0
AIR
0.6
0.3
0.1
28
14
FLUID
HEAT SINK
Figure 14. Self-Heating Effect in Air, Fluid, and in Thermal
Contact with a Heat Sink
TIME – secs
0.25
–0.05
0.0
2.0
0.5
1.5
0.15
0.05
0.10
0.00
AIR
1.0
FLUID
HEATSINK
0.20
Figure 15. Self-Heating Effect in Air, Fluid, and in Thermal
Contact with a Heat Sink
OPERATING MODES
The AD7816, AD7817, and AD7818 have two possible modes
of operation depending on the state of the
CONVST pulse at
the end of a conversion.
Mode 1
In this mode of operation the
CONVST pulse is brought high
before the end of a conversion, i.e., before the BUSY goes low
(see Figure 16). When operating in this mode a new conversion
should not be initiated until 100 ns after the end of a serial read
operation. This quiet time is to allow the track/hold to accu-
rately acquire the input signal after a serial read.
Mode 2
When the AD7816, AD7817, and AD7818 are operated in Mode
2 (see Figure 17), they automatically power down at the end of
a conversion. The
CONVST is brought low to initiate a conver-
sion and is left logic low until after the end of the conversion. At
this point, i.e., when BUSY goes low, the devices will power-
down. The devices are powered up again on the rising edge of
the
CONVST signal. Superior power performance can be
achieved in this mode of operation by powering up the AD7816,
AD7817, and AD7818 only to carry out a conversion (see Power
vs. Throughput section). In Figure 17 the
CS line is applicable
to the AD7817 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com