Electronic Components Datasheet Search
  English  ▼

X  

AD7816 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7816
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7816 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7816 Datasheet HTML 4Page - Analog Devices AD7816 Datasheet HTML 5Page - Analog Devices AD7816 Datasheet HTML 6Page - Analog Devices AD7816 Datasheet HTML 7Page - Analog Devices AD7816 Datasheet HTML 8Page - Analog Devices AD7816 Datasheet HTML 9Page - Analog Devices AD7816 Datasheet HTML 10Page - Analog Devices AD7816 Datasheet HTML 11Page - Analog Devices AD7816 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. C
–8–
AD7816/AD7817/AD7818
AD7817 PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
CONVST
Logic Input Signal. The convert start signal. A 10-bit analog-to-digital conversion is initiated on the
falling edge of this signal. The falling edge of this signal places the track/hold in hold mode. The track/
hold goes into track mode again at the end of the conversion. The state of the
CONVST signal is checked
at the end of a conversion. If it is logic low, the AD7817 will power-down—see Operating Mode section
of the data sheet.
2
BUSY
Logic Output. The busy signal is logic high during a temperature or voltage A/D conversion. The signal
can be used to interrupt a microcontroller when a conversion has finished.
3
OTI
Logic Output. The Overtemperature Indicator (
OTI) is set logic low if the result of a conversion on
Channel 0 (Temperature Sensor) is greater that an 8-bit word in the Overtemperature Register (OTR).
The signal is reset at the end of a serial read operation, i.e., a rising RD/
WR edge when CS is low.
4
CS
Logic Input Signal. The chip select signal is used to enable the serial port of the AD7817. This is neces-
sary if the AD7817 is sharing the serial bus with more than one device.
5
AGND
Analog Ground. Ground reference for track/hold, comparator and capacitor DAC.
6
REFIN
Analog Input. An external 2.5 V reference can be connected to the AD7817 at this pin. To enable the on-
chip reference the REFIN pin should be tied to AGND. If an external reference is connected to the
AD7817, the internal reference will shut down.
7–10
VIN1 to VIN4
Analog Input Channels. The AD7817 has four analog input channels. The input channels are single-
ended with respect to AGND (analog ground). The input channels can convert voltage signals in the
range 0 V to VREF. A channel is selected by writing to the Address Register of the AD7817—see Control
Byte section.
11
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
DOUT
Logic Output With a High Impedance State. Data is clocked out of the AD7817 serial port at this pin.
This output goes into a high impedance state on the falling edge of RD/
WR or on the rising edge of the
CS signal, whichever occurs first.
14
DIN
Logic Input. Data is clocked into the AD7817 at this pin.
15
SCLK
Clock Input for the Serial Port. The serial clock is used to clock data into and out of the AD7817. Data is
clocked out on the falling edge and clocked in on the rising edge.
16
RD/
WR
Logic Input Signal. The read/write signal is used to indicate to the AD7817 whether the data transfer
operation is a read or a write. The RD/
WR should be set logic high for a read operation and logic low for
a write operation.
PIN CONFIGURATION
SOIC/TSSOP
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7817
CONVST
DOUT
DIN
SCLK
RD/
WR
BUSY
OTI
CS
VIN4
VDD
DGND
AGND
REFIN
VIN1
VIN2
VIN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com