Electronic Components Datasheet Search
  English  ▼

X  

AD7827 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7827 Datasheet HTML 2Page - Analog Devices AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices AD7827 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7827
–6–
REV. 0
CIRCUIT DESCRIPTION
The AD7827 consists of a track-and-hold amplifier followed by
a half-flash analog-to-digital converter. This device uses a half-
flash conversion technique where one 4-bit flash ADC is used to
achieve an 8-bit result. The 4-bit flash ADC contains a sampling
capacitor followed by 15 comparators that compare the unknown
input to a reference ladder to get a 4-bit result. This first flash,
i.e., coarse conversion, provides the 4 MSBs. For a full 8-bit
reading to be realized, a second flash, i.e., a fine conversion,
must be performed to provide the 4 LSBs. The 8-bit word is
then placed in the serial shift register.
Figures 2 and 3 below show simplified schematics of the ADC.
When the ADC starts a conversion, the track-and-hold goes into
hold mode and holds the analog input for 120 ns. This is the
acquisition phase as shown in Figure 2 when Switch 2 is in
Position A. At the point when the track-and-hold returns to its
track mode, this signal is sampled by the sampling capacitor as
Switch 2 moves into Position B. The first flash occurs at this
instant and is then followed by the second flash. Typically the
first flash is complete after 100 ns, i.e., at 220 ns, while the end
REFERENCE
.
.
.
.
TIMING AND
CONTROL
LOGIC
HOLD
SW2
B
A
SAMPLING
CAPACITOR
R16
R15
R14
R13
R1
15
14
13
1
T/H
DOUT
VIN
Figure 2. ADC Acquisition Phase
REFERENCE
.
.
.
.
TIMING AND
CONTROL
LOGIC
HOLD
SW2
B
A
SAMPLING
CAPACITOR
R16
R15
R14
R13
R1
15
14
13
1
T/H
DOUT
VIN
Figure 3. ADC Conversion Phase
of the second flash, and hence the 8-bit conversion result, is
available at 330 ns. As shown in Figure 4 the track-and-hold
returns to track mode after 120 ns, and so starts the next acqui-
sition before the end of the current conversion. Figure 6 shows
the ADC transfer function.
120ns
t1
t2
t3
t7
t8
t4
t10
HOLD
HOLD
TRACK
TRACK
1
2
345
6
7
8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONVST
RFS
SCLK
DOUT
Figure 4. Track-and-Hold Timing
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7827.
The serial interface is implemented using three wires; the RFS is
a logic output and the serial clock is continuous. The Receive
Frame Sync signal (RFS) idles high, the falling edge of
CONVST
initiates a conversion and the first rising edge of the serial clock
after the end of conversion causes the RFS signal to go low.
This falling edge of RFS is used to drive the RFS on a micro-
processor—see Serial Interface section for more details. VREF is
connected to a voltage source such as the AD780, while VDD is
connected to a voltage source of 3 V
± 10% or 5 V ± 10%. Due
to the proximity of the
CONVST and V
IN pins, it is recom-
mended to use a 10 nF decoupling capacitor on VIN. When VDD
is first connected the AD7827 powers up in a low current mode,
i.e., power-down. A rising edge on the
CONVST pin will cause
the AD7827 to fully power up. For applications where power
consumption is of concern, the automatic power-down at the
end of a conversion should be used to improve power perfor-
mance. See the Power-Down Options section of this data sheet.
C/ P
0.1 F
10 F
2.5V
AD780
THREE-WIRE
SERIAL INTERFACE
0V TO 2.5V (VDD = 5V)
0V TO 2V (VDD = 3V)
INPUT
SUPPLY
+3V
10% OR
+5V
10%
SCLK
DOUT
RFS
CONVST
VDD VREF
VIN
GND
AD7827
Figure 5. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com