Electronic Components Datasheet Search
  English  ▼

X  

AD7827 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 1 Page - Analog Devices

  AD7827 Datasheet HTML 1Page - Analog Devices AD7827 Datasheet HTML 2Page - Analog Devices AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7827
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface
Sampling ADC
FUNCTIONAL BLOCK DIAGRAM
FEATURES
8-Bit Half-Flash ADC with 420 ns Conversion Time
200 ns Acquisition Time
8-Lead Package
On-Chip Track-and-Hold
On-Chip 2.5 V Reference with 2% Tolerance
Operating Supply Range: 3 V
10% and 5 V
10%
Specifications @ 3 V and 5 V
DSP/Microcontroller Compatible Serial Interface
Automatic Power-Down at End of Conversion
Input Ranges
0 V to 2 V, VDD = 3 V
0 V to 2.5 V, VDD = 5 V
GENERAL DESCRIPTION
The AD7827 is a high speed, single channel, low power, analog-
to-digital converter with a maximum throughput of 1 MSPS that
operates from a single 3 V or 5 V supply. The AD7827 contains
a track/hold amplifier, an on-chip 2.5 V reference (2% toler-
ance), a 420 ns 8-bit half-flash ADC and a serial interface. The
serial interface is compatible with the serial interfaces of most
DSPs (Digital Signal Processors). The throughput rate of the
AD7827 is dependent on the clock speed of the DSP serial
interface.
The AD7827 combines the Convert Start and Power Down
signals at one pin, i.e., the
CONVST pin. This allows a unique
automatic power-down at the end of a conversion to be imple-
mented. The logic level on the
CONVST pin is sampled at the
end of a conversion and, depending on its state, the AD7827
powers down.
The AD7827 has one single-ended analog input with an input
span determined by the supply voltage. With a VDD of 3 V, the
input range of the AD7827 is 0 V to 2 V and with VDD equal to
5 V, the input range is 0 V to 2.5 V.
The parts are available in a small, 8-lead, 0.3" wide, plastic
dual-in-line package (DIP) and an 8-lead, small outline IC
(SOIC).
PRODUCT HIGHLIGHTS
1. Fast Conversion Time
The AD7827 has a conversion time of 420 ns. Faster conver-
sion times maximize the DSP processing time in a real time
system.
2. Built-In Track-and-Hold
The analog input signal is held and a new conversion is initi-
ated on the falling edge of the
CONVST signal. The CONVST
signal allows the sampling instant to be exactly controlled.
This feature is a requirement in many DSP applications.
3. Automatic Power-Down
The
CONVST signal is sampled approximately 100 ns after
the end of conversion and depending on its state the AD7827
is powered down.
4. An easy to use, fast serial interface allows direct interfacing to
most popular DSPs with no external circuitry.
BUF
T/H
2.5V
REF
8-BIT
HALF-FLASH
ADC
SERIAL
PORT
CONTROL
LOGIC
VDD
DETECT
RFS
DOUT
SCLK
CONVST
GND
VDD
VREFIN/VREFOUT
VIN
COMP
AD7827


Similar Part No. - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827 Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BN AD-AD7827BN Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BR AD-AD7827BR Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results

Similar Description - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822 AD-AD7822 Datasheet
240Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
10/01-REV.B
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
7/06-Revision 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com