Electronic Components Datasheet Search
  English  ▼

X  

AD7827 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices AD7827 Datasheet HTML 10Page - Analog Devices AD7827 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7827
–7–
REV. 0
ADC TRANSFER FUNCTION
The output coding of the AD7827 is straight binary. The
designed code transitions occur at successive integer LSB
values (i.e., 1 LSB, 2 LSBs, etc.). The LSB size is = VREF/256
(VDD = 5 V) or the LSB size = (0.8 VREF)/256 (VDD = 3 V). The
ideal transfer characteristic for the AD7827 is shown in Figure 6
below.
(VDD = 5V)
1LSB = VREF/256
(VDD = 3V)
1LSB = 0.8VREF/256
1LSB (VDD = 5V) VREF/2
(VDD = 3V) 0.8VREF/2
VREF/2+1.25V – 1LSB
0.8VREF/2+1V – 1LSB
(VDD = 5V) VREF/2 – 1.25V
(VDD = 3V) 0.8VREF/2 – 1V
11111111
111....110
111....000
10000000
000....111
000....010
000....001
00000000
Figure 6. Transfer Characteristic
ANALOG INPUT
The AD7827 has a single input channel with an input range of
0 V to 2.5 V or 0 V to 2.0 V, depending on the supply voltage
(VDD). This input range is automatically set up by an on-chip
“VDD detector” circuit. 5 V operation of the ADC is detected
when VDD exceeds 4.1 V and 3 V operation is detected when
VDD falls below 3.8 V. This circuit also possesses a degree of
glitch rejection; for example, a glitch from 5.5 V to 2.7 V up to
60 ns wide will not trip the VDD detector.
Note: Although there is a VREF pin from which a voltage refer-
ence of 2.5 V may be sourced, or to which an external reference
may be applied, this does not provide an option of varying the value
of the voltage reference. As stated in the specifications for the
AD7827, the input voltage range at this pin is 2.5 V
± 2%.
Analog Input Structure
Figure 7 shows an equivalent circuit of the analog input struc-
ture of the AD7827. The two diodes, D1 and D2, provide ESD
protection for the analog inputs. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 200 mV. This will cause these diodes to become
forward biased and start conducting current into the substrate.
The maximum current these diodes can conduct without caus-
ing irreversible damage to the part is 20 mA. The capacitor C2
in Figure 7 is typically about 4 pF and can mostly be attributed
to pin capacitance. The resistor R1 is a lumped component
made up of the on resistance of several components including
that of the multiplexer and the track-and-hold. This resistor is
typically about 310
Ω. The capacitor C1 is the track-and-hold
capacitor and has a capacitance of 0.5 pF. Switch 1 is the track-
and-hold switch, while Switch 2 is that of the sampling capaci-
tor as shown in Figures 2 and 3.
When in track phase, Switch 1 is closed and Switch 2 is in
Position A. When in hold mode, Switch 1 opens while Switch 2
remains in Position A. The track-and-hold remains in hold
mode for 120 ns—see Circuit Description, after which it returns
to track mode and the ADC enters its conversion phase. At this
point Switch 1 opens and Switch 2 moves to Position B. At the
end of the conversion Switch 2 moves back to Position A.
VDD
VIN
D1
R1
310
D2
SW1
C1
0.5pF
A
B
SW2
C2
4pF
Figure 7. Equivalent Analog Input Circuit
The on-chip track-and-hold can accommodate input frequen-
cies to 10 MHz, making the AD7827 ideal for subsampling
applications. When the AD7827 is converting a 10 MHz input
signal at a sampling rate of 1 MSPS, the effective number of
bits typically remains above seven corresponding to a signal-to-
noise ratio of 42 dBs as shown in Figure 8.
INPUT FREQUENCY – MHz
50
38
0.2
10
134
5
6
8
48
46
44
42
40
FSAMPLE = 1MHz
Figure 8. SNR vs. Input Frequency On the AD7827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com