Electronic Components Datasheet Search
  English  ▼

X  

MPTR Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR
Description  Polymeric PTC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTR Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Electrical Characteristics (23º)
MPTR36V
Resistance Tolerance
Hold
Current
Trip
Current
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
IMAX,A
VMAX,Vdc
Pd, W
Ω
Ω
MPTR36V050
0.50
1.10
40
36
0.67
0.140
0.448
MPTR36V075
0.75
1.50
40
36
0.71
0.115
0.368
MPTR36V090
0.90
1.80
40
36
0.74
0.090
0.288
MPTR36V120
1.20
2.30
40
36
0.78
0.074
0.180
MPTR36V135
1.35
2.50
40
36
0.84
0.059
0.143
MPTR36V160
1.60
2.75
40
36
0.86
0.041
0.131
MPTR36V190
1.90
3.00
40
36
0.90
0.045
0.092
MPTR36V220
2.20
3.50
40
36
0.95
0.025
0.080
MPTR36V250
2.50
4.00
40
36
0.99
0.020
0.064
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
MPTR Series
Polymeric PTC
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com