Electronic Components Datasheet Search
  English  ▼

X  

MPTR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR
Description  Polymeric PTC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Electrical Characteristics (23ºC)
MPTR16V
Resistance Tolerance
Hold
Current
Trip
Current
Max.Time
to trip
Maximum
Current
Rated
Voltage
Typical
Power
Rmin
R1max
Part
Number
IH, A
IT, A
at 5x IH
I MAX, A
V MAX, Vdc
Pd, W
ohms
ohms
MPTR16V250
2.5
4.7
5.0
100
16
1.0
0.022
0.053
MPTR16V300
3.0
5.1
2.0
100
16
2.3
0.034
0.105
MPTR16V400
4.0
6.8
3.5
100
16
2.4
0.020
0.063
MPTR16V500
5.0
8.5
3.6
100
16
2.6
0.014
0.044
MPTR16V500K
5.0
8.5
3.6
100
16
2.6
0.014
0.044
MPTR16V600
6.0
10.2
5.8
100
16
2.8
0.009
0.033
MPTR16V700
7.0
11.9
8.0
100
16
3.0
0.006
0.021
MPTR16V800
8.0
13.6
9.0
100
16
3.0
0.005
0.018
MPTR16V900
9.0
15.3
12.0
100
16
3.3
0.004
0.015
MPTR16V1000
10.0
17.0
12.5
100
16
3.3
0.003
0.012
MPTR16V1100
11.0
18.7
13.5
100
16
3.7
0.003
0.010
MPTR16V1200
12.0
20.4
16.0
100
16
4.2
0.002
0.009
MPTR16V1400
14.0
23.8
20.0
100
16
4.6
0.002
0.008
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
Rmin=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
Polymeric PTC
MPTR Series
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com