Electronic Components Datasheet Search
  English  ▼

X  

MPTR Datasheet(PDF) 15 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR
Description  Polymeric PTC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR Datasheet(HTML) 15 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTR Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 18Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 19Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Product Dimensions (Millimeters)
MPTR60V
A
B
C
D
E
F
Part
Number
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPTR60V005
7.4
12.7
5.1
7.6
3.1
1.1
MPTR60V010
7.4
12.7
5.1
7.6
3.1
1.1
MPTR60V017
7.4
12.7
5.1
7.6
3.1
1.1
MPTR60V020
7.4
12.7
5.1
7.6
3.1
1.1
MPTR60V025
7.4
12.7
5.1
7.6
3.1
1.1
MPTR60V030
7.4
13.0
5.1
7.6
3.1
1.1
MPTR60V040
7.6
13.5
5.1
7.6
3.1
1.1
MPTR60V050
7.9
13.7
5.1
7.6
3.1
1.1
MPTR60V065
9.7
14.5
5.1
7.6
3.1
1.1
MPTR60V075
10.4
15.2
5.1
7.6
3.1
1.1
MPTR60V090
11.7
15.8
5.1
7.6
3.1
1.1
MPTR60V110
13.0
18.0
5.1
7.6
3.1
1.4
MPTR60V135
14.5
19.6
5.1
7.6
3.1
1.4
MPTR60V160
16.3
21.3
5.1
7.6
3.1
1.4
MPTR60V185
17.8
22.9
5.1
7.6
3.1
1.4
MPTR60V250
21.3
26.4
10.2
7.6
3.1
1.4
MPTR60V300
24.9
30.0
10.2
7.6
3.1
1.4
MPTR60V375
28.5
33.5
10.2
7.6
3.1
1.4
Polymeric PTC
MPTR Series
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Figure 2
Lead Size: 20AWG
Φ 0.81 mm Diameter
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com