Electronic Components Datasheet Search
  English  ▼

X  

MPTR Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR
Description  Polymeric PTC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MPTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTR Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Product Dimensions (Millimeters)
MPTR16V
A
B
C
D
E
F
Part
Number
Fig
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPTR16V250
1
8.9
12.8
5.1
7.6
3.0
1.2
MPTR16V300
3
7.1
11.0
5.1
7.6
3.0
1.2
MPTR16V400
3
8.9
12.8
5.1
7.6
3.0
1.2
MPTR16V500
3
10.4
14.3
5.1
7.6
3.0
1.2
MPTR16V500K
2
10.4
18.7
5.1
7.6
3.0
1.2
MPTR16V600
3
10.7
17.1
5.1
7.6
3.0
1.2
MPTR16V700
3
11.2
19.7
5.1
7.6
3.0
1.2
MPTR16V800
3
12.7
20.9
5.1
7.6
3.0
1.2
MPTR16V900
3
14.0
21.7
5.1
7.6
3.0
1.2
MPTR16V1000
3
16.5
24.1
5.1
7.6
3.0
1.2
MPTR16V1100
3
17.5
26.0
5.1
7.6
3.0
1.2
MPTR16V1200
3
17.5
28.0
10.2
7.6
3.6
1.4
MPTR16V1400
3
27.9
27.9
10.2
7.6
3.6
1.4
MPTR Series
Polymeric PTC
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Figure 3
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 4
Lead Size: 18AWG
Φ 1.0 mm Diameter
Figure 2
Lead Size: 20AWG
Φ 0.81 mm Diameter
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com